Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1406IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1406IGN
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1406IGN Datasheet HTML 1Page - Linear Technology LTC1406IGN Datasheet HTML 2Page - Linear Technology LTC1406IGN Datasheet HTML 3Page - Linear Technology LTC1406IGN Datasheet HTML 4Page - Linear Technology LTC1406IGN Datasheet HTML 5Page - Linear Technology LTC1406IGN Datasheet HTML 6Page - Linear Technology LTC1406IGN Datasheet HTML 7Page - Linear Technology LTC1406IGN Datasheet HTML 8Page - Linear Technology LTC1406IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1406
TI I G CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL(MAX)
Maximum Sampling Frequency
q
20
MHz
t1
Clock Period
(Notes 11, 12)
q
50
ns
t2
Pulse Width High
(Notes 11, 12)
q
25
ns
t3
Pulse Width Low
(Notes 11, 12)
q
25
ns
t4
Output Delay
CL = 15pF
15
25
ns
t5
Pipeline Delay
5
Cycles
t6
Aperture Delay
3ns
Aperture Jitter
5psRMS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND, OGND
and AGND wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below ground or above VDD,
they will be clamped by internal diodes. This product can handle input
currents greater than 100mA below ground or above VDD without latchup.
Note 4: When these pin voltages are taken below ground they will be
clamped by internal diodes. This product can handle input currents up to
100mA below ground without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSMPL = 20MHz and tr = tf = 2ns unless otherwise
specified.
Note 6: Linearity, offset and full-scale specifications apply for a single-
ended AIN+ input with AIN– tied to VREF = 2.5V.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset is the offset voltage measured from – 0.5LSB
when the output code flickers between 0111 1111 and 1000 0000.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: The falling CLK edge starts a conversion.
Note 12: At the maximum conversion rate, deviation from a 50% duty
cycle results in interstage settling times < 25ns and performance may
be affected.
Note 13: VIN = – Full Scale.
Distortion vs Input Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (Hz)
100k
52
48
44
40
36
32
28
24
20
16
12
8
4
0
1M
10M
100M
1406 G01
S/(N + D) vs Input Frequency
INPUT FREQUENCY (Hz)
100k
0
–10
–20
–30
–40
–50
–60
–70
–80
1M
10M
100M
1406 G03
THD
3RD HARMONIC
2ND HARMONIC
Signal-to-Noise Ratio vs
Input Frequency
INPUT FREQUENCY (Hz)
100k
52
48
44
40
36
32
28
24
20
16
12
8
4
0
1M
10M
100M
1406 G02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com