Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1406IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1406IGN
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1406IGN Datasheet HTML 5Page - Linear Technology LTC1406IGN Datasheet HTML 6Page - Linear Technology LTC1406IGN Datasheet HTML 7Page - Linear Technology LTC1406IGN Datasheet HTML 8Page - Linear Technology LTC1406IGN Datasheet HTML 9Page - Linear Technology LTC1406IGN Datasheet HTML 10Page - Linear Technology LTC1406IGN Datasheet HTML 11Page - Linear Technology LTC1406IGN Datasheet HTML 12Page - Linear Technology LTC1406IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1406
APPLICATIONS INFORMATION
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at the sum and differ-
ence frequencies of mfa ±nfb, where m and n = 0, 1, 2, 3,
etc. For example, the 2nd order IMD terms include (fa ±fb).
If the two input sine waves are equal in magnitude, the
value (in decibels) of the 2nd order IMD products can be
expressed by the following formula:
IMD f
f
f
Amplitude at
ab
b
±
()=
±
()
20 log
Amplitude at f
f
a
a
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in decibel relative to the RMS value of
a full-scale input signal (see Figure 6).
Input Bandwidth
The input bandwidth is that input frequency at which the
amplitude of the reconstructed fundamental is reduced by
3dB for a full-scale input signal. The LTC1406 has been
designed for wide input bandwidth (250MHz), allowing
the ADC to undersample input signals with frequencies
above the converter’s Nyquist frequency. The noise floor
stays very low at high frequencies; S/(N + D) becomes
dominated by distortion at frequencies far beyond Nyquist.
Analog Inputs
The LTC1406 has a unique differential sample-and-hold
circuit that allows rail-to-rail inputs. The AIN
+ and AIN–
inputs are sampled at the same time and the ADC will
always convert the difference of [(AIN
+) – (AIN–)] indepen-
dent of the common mode voltage. Any unwanted signal
that is common to both inputs will be rejected by the com-
mon mode rejection of the sample-and-hold circuit. The
common mode rejection holds up to extremely high fre-
quencies (see Figure 7).
The inputs can be driven differentially or single-ended. In
differential mode, both inputs are driven
±0.5V out of
phase with each other. In single-ended mode, the nega-
tive input is tied to a fixed voltage and AIN
+ is used as the
Figure 6. Spurious-Free Dynamic Range vs
Input Frequency
INPUT FREQUENCY (Hz)
100k
70
60
50
40
30
20
10
0
1M
10M
100M
1406 G04
INPUT FREQUENCY (Hz)
100k
0
–10
–20
–30
–40
–50
–60
–70
–80
1M
10M
100M
1406 G03
THD
3RD HARMONIC
2ND HARMONIC
Figure 4. Distortion vs Input Frequency
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1406 G05
0123
4
5
67
8
9
10
fSAMPLE = 20MHz
fIN1 = 3.500977MHz
fIN2 = 3.598633MHz
Figure 5. Intermodulation Distortion Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com