Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1406IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1406IGN
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1406IGN Datasheet HTML 8Page - Linear Technology LTC1406IGN Datasheet HTML 9Page - Linear Technology LTC1406IGN Datasheet HTML 10Page - Linear Technology LTC1406IGN Datasheet HTML 11Page - Linear Technology LTC1406IGN Datasheet HTML 12Page - Linear Technology LTC1406IGN Datasheet HTML 13Page - Linear Technology LTC1406IGN Datasheet HTML 14Page - Linear Technology LTC1406IGN Datasheet HTML 15Page - Linear Technology LTC1406IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1406
APPLICATIONS INFORMATION
While the falling edge starts the conversion, both rising
and falling edges are used internally during the conver-
sion. It is therefore important to provide a clock signal that
has low jitter and fast rise and fall times (< 2ns). Much of
the internal circuitry operates dynamically limiting the mini-
mum conversion rate to 10kHz. To ensure proper opera-
tion after power is first applied, or the clock stops for more
than 100
µs, typically 20 clock cycles must be performed
at a sample rate above 10kHz before the output data will
be valid.
common mode voltage minus 3.90625mV (i.e., – 0.5LSB)
and adjust the offset at the AIN– input until the output code
flickers between 0111 1111 and 1000 0000. For full-scale
adjustment, an input voltage equal to the input common
mode voltage plus 988.28125mV (i.e., FS – 1.5LSBs) is
applied to AIN
+ and the VREF input is adjusted until the
output code flickers between 1111 1110 and 1111 1111.
Digital Inputs and Outputs
The LTC1406 is designed to easily interface with either 3V
or 5V logic. The digital input pins, SHDN and CLK, have
thresholds of nominally 1.9V and will accept a 3V or 5V
logic input. The data output pins, including OF/UF, are
connected to a separate supply and ground (OVDD and
OGND respectively). OVDD is normally connected to DVDD
but can be connected to an external supply as low as 2.7V.
OGND is normally connected to DGND but can be con-
nected to an external ground or an external voltage source
as high as 2V.
Clock
The LTC1406 requires a 50% duty cycle clock. The duty
cycle should be timed from the nominal threshold of the
CLK input which is 1.9V. At conversion speeds below the
maximum conversion rate of 20MHz, the duty cycle can
deviate from 50% with no degradation in performance as
long as each clock phase is at least 25ns long. At the
maximum conversion rate, deviation from a 50% duty cycle
clock results in interstage settling times of < 25ns and
performance may be affected.
With the CLK pin high, the ADC will track the difference of
the two analog inputs. On the falling edge of CLK the input
is sampled and the conversion begins. At the end of five
clock cycles (on the fifth falling CLK edge following the
start of conversion) the data from the conversion will be
available at the digital outputs until the next falling CLK
edge. Each falling edge of CLK starts a new conversion so
successive conversion results are available on successive
falling CLK edges.
Figure 11. Typical DNL vs Duty Cycle
DUTY CYCLE (%)
28
10
9
8
7
6
5
4
3
2
1
0
64 68
1406 F11
36 40
32
44 48 52 56 60
72
fSAMPLE = 20MHz
Power Shutdown
The quiescent power of the LTC1406 can be further
reduced between conversions by taking the SHDN pin low.
This powers down all of the internal amplifiers and bias
circuitry and the part draws only a small quiescent current
of 1
µA from the 5V supply. There is a nominally 4k internal
resistor between VREF and AGND that will continue to draw
current during shutdown as long as VREFisdriven.Itshould
also be noted that the data output drivers are not three-
state devices and do not go into a high impedance state
during shutdown. If the data output pins will remain con-
nected to a load during shutdown, current may be drawn
through the OVDD supply pin. This can be prevented by
including a FET switch in series with OVDD or OGND con-
trolled by SHDN. If the data bus will remain active during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com