Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1406IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1406IGN
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1406IGN Datasheet HTML 3Page - Linear Technology LTC1406IGN Datasheet HTML 4Page - Linear Technology LTC1406IGN Datasheet HTML 5Page - Linear Technology LTC1406IGN Datasheet HTML 6Page - Linear Technology LTC1406IGN Datasheet HTML 7Page - Linear Technology LTC1406IGN Datasheet HTML 8Page - Linear Technology LTC1406IGN Datasheet HTML 9Page - Linear Technology LTC1406IGN Datasheet HTML 10Page - Linear Technology LTC1406IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1406
FUNCTIONAL BLOCK DIAGRA
APPLICATIONS INFORMATION
Conversion Details
The LTC1406 uses an internal sample-and-hold circuit and
a pipeline quantizing architecture to convert an analog
signal to an 8-bit parallel output. With CLK high the input
switches are closed and the analog input will be acquired
on the input sampling capacitors CS (see Figure 1).
On the falling edge of CLK the input switches open, captur-
ing the input signal. The sampling capacitors are then
shorted together and the charge is transferred to the hold
TRACK-AND-
HOLD AMP
DIGITAL
DATA
8-BIT
PIPELINE
ADC
2.5k
AVDD
VBIAS
VREF
OVDD
DVDD
OGND
AGND
AGND
SHDN
1.95k
2.2V
OUTPUT
DRIVERS
OF/UF
D7
D6
D5
D4
D3
D2
D1
D0
1406 BD
CLOCK
CIRCUITRY
CLK
AIN
+
7
8
94
10
3
5
6
1
23
2
11
12
22
21
20
19
18
17
16
15
24
AIN
–
DGND
–
+
CH
CLK
CLK
1406 F01
CLK
TO NEXT STAGE
CLK
CLK
AIN
+
AIN
–
CH
CS
CS
CLK
Figure 1. Input Sample-and-Hold Amplifier
capacitors CH resulting in a differential DC voltage on the
output of the track-and-hold amplifier that is proportional
to the input signal. This differential voltage is fed into a
comparator that determines the most significant bit and
subtracts the result. The residue is then amplified by two
and passed to the next stage via a similar sample-and-hold
circuit. This continues down the eight pipeline stages. The
comparator outputs are then combined in a digital error
correction circuit. The 8-bit word is available at the output,
five clock cycles after the sampling edge.
Dynamic Performance
The LTC1406 has excellent wideband sampling capability.
The sample-and-hold amplifier has a small-signal input
bandwidth of 250MHz allowing the ADC to undersample
input signals with frequencies well beyond the converter’s
Nyquist frequency. FFT (Fast Fourier Transform) test tech-
niques are used to test the ADC’s frequency response,
distortion and noise at the rated throughput. By applying
a low distortion sine wave and analyzing the digital output
using an FFT algorithm, the ADC’s spectral content can be
examined for frequencies outside the fundamental. Figure
2 shows a typical LTC1406 FFT plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com