Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430AI Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1430AI
Description  High Power Step-Down Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430AI Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1430AI Datasheet HTML 5Page - Linear Technology LTC1430AI Datasheet HTML 6Page - Linear Technology LTC1430AI Datasheet HTML 7Page - Linear Technology LTC1430AI Datasheet HTML 8Page - Linear Technology LTC1430AI Datasheet HTML 9Page - Linear Technology LTC1430AI Datasheet HTML 10Page - Linear Technology LTC1430AI Datasheet HTML 11Page - Linear Technology LTC1430AI Datasheet HTML 12Page - Linear Technology LTC1430AI Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1430A
APPLICATIONS INFORMATION
MOSFET Gate Drive
Gate drive for the top N-channel MOSFET Q1 is supplied
from PVCC1. This supply must be above PVCC ( the main
power supply input) by at least one power MOSFET
VGS(ON) for efficient operation. An internal level shifter
allows PVCC1 to operate at voltages above VCC and PVCC,
up to 13V maximum. This higher voltage can be supplied
with a separate supply, or it can be generated using a
simple charge pump as shown in Figure 5. When using a
separate PVCC1 supply, the PVCC input may exhibit a large
inrush current if PVCC1 is present during power up. The
93.5% maximum duty cycle ensures that the charge pump
will always provide sufficient gate drive to Q1. Gate drive
for the bottom MOSFET Q2 is provided through PVCC2 for
16-lead devices or VCC/PVCC2 for the 8-lead device. PVCC2
can usually be driven directly from PVCC with 16-lead
parts, although it can also be charge pumped or connected
to an alternate supply if desired. 3.3V input applications
use 3.3V at PVCC and 5V at VCC and PVCC1. See 3.3V Input
Supply Operation for more details. The 8-lead part
requires an RC filter from PVCC to VCC to ensure proper
operation; see Input Supply Considerations.
DZ
12V
1N5242
OPTIONAL
USE FOR PVCC ≥ 7V
LTC1430A
PVCC1
PVCC2
MBR0530T1
Q1
L1
Q2
G1
G2
PVCC
COUT
VOUT
1430 F05
0.1
µF
+
Figure 5. Doubling Charge Pump
Q1
D1
VIN
VOUT
CONTROLLER
1430 F06a
Figure 6a. Classical Buck Architecture
Q1
VIN
VOUT
CONTROLLER
Q2
1430 F06b
Figure 6b. Synchronous Buck Architecture
much lower than the VF of the diode in the classical circuit.
This more than offsets the additional gate drive required
by the second MOSFET, allowing the LTC1430A to achieve
efficiencies in the mid-90% range for a wide range of load
currents.
Another feature of the synchronous architecture is that
unlike a diode, Q2 can conduct current in either direction.
This allows the output of a typical LTC1430A circuit to sink
current as well as sourcing it while remaining in regula-
tion. The ability to sink current at the output allows the
LTC1430A to be used with reactive or other nonconventional
loads that may supply current to the regulator as well as
drawing current from it. An example is a high current logic
termination supply, such as the GTL terminator shown in
the Typical Applications section.
EXTERNAL COMPONENT SELECTION
Power MOSFETs
Two N-channel power MOSFETs are required for most
LTC1430A circuits. These should be selected based pri-
marily on threshold and on-resistance considerations;
thermal dissipation is often a secondary concern in high
efficiency designs. Required MOSFET threshold should be
determined based on the available power supply voltages
and/or the complexity of the gate drive charge pump
Synchronous Operation
The LTC1430A uses a synchronous switching architec-
ture, with MOSFET Q2 taking the place of the diode in a
classical buck circuit (Figure 6). This improves efficiency
by reducing the voltage drop and the resultant power
dissipation across Q2 to VON = (I)(RDSON(Q2)), usually



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com