Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430AI Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1430AI
Description  High Power Step-Down Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430AI Datasheet(HTML) 4 Page - Linear Technology

  LTC1430AI Datasheet HTML 1Page - Linear Technology LTC1430AI Datasheet HTML 2Page - Linear Technology LTC1430AI Datasheet HTML 3Page - Linear Technology LTC1430AI Datasheet HTML 4Page - Linear Technology LTC1430AI Datasheet HTML 5Page - Linear Technology LTC1430AI Datasheet HTML 6Page - Linear Technology LTC1430AI Datasheet HTML 7Page - Linear Technology LTC1430AI Datasheet HTML 8Page - Linear Technology LTC1430AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1430A
TEMPERATURE (
°C)
–40
12.5
13.0
14.0
20
60
1430 G01
12.0
11.5
–20
0
40
80
100
11.0
10.5
13.5
VCC = 5V
TEMPERATURE (
°C)
–40
70
75
85
90
95
0
40
60
1430 G03
80
–20
20
80
100
100
VCOMP = VCC
VFB = 1.265V
TEMPERATURE (
°C)
–40
210
220
240
20
60
1430 G02
200
190
–20
0
40
80
100
180
170
230
VCC = 5V
FREQSET FLOATING
Maximum Duty Cycle
vs Temperature
Oscillator Frequency
vs Temperature
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (
°C)
–40
350
400
500
550
600
850
700
0
40
60
100
1430 G04
450
750
800
650
–20
20
80
gm =
∆ICOMP
∆VFB
∆VFB vs Temperature
TEMPERATURE (
°C)
–40
6
8
20
1430 G05
0
–6
–4
–20
0
40
–8
–10
10
4
2
–2
60
80
100
VCC = 5V
Load Regulation
LOAD CURRENT (A)
0
–1.0
– 0.8
– 0.4
– 0.2
0
0.4
1
5
7
1460 G06
– 0.6
0.2
4
9
10
2
3
68
TA = 25°C
VOUT = 3.3V
VCC = 5V
FIGURE 4
Supply Current
vs Oscillator Frequency
OSCILLATOR FREQUENCY (kHz)
1
10
100
1000
0
200
300
400
0.1
100
500
1430 G08
IPVCC (LOADED
WITH 10,000pF,
PVCC = 12V)
IPVCC (NO LOAD,
PVCC = 5V)
IPVCC (NO LOAD,
PVCC = 12V)
IVCC
TA = 25°C
VCC = 5V
FIGURE 4
Output Voltage vs Load Current
with Current Limit
LOAD CURRENT (A)
0
1.5
2.0
2.5
6
10
1430 G07
1.0
0.5
0
24
8
3.0
3.5
4.0
12
TA = 25°C
VCC = 5V
FIGURE 4
RI(MAX) = 10k
RI(MAX) = 16k
TYPICAL PERFOR A CE CHARACTERISTICS
IMAX Pin Sink Current
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com