Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430AI Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1430AI
Description  High Power Step-Down Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430AI Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1430AI Datasheet HTML 2Page - Linear Technology LTC1430AI Datasheet HTML 3Page - Linear Technology LTC1430AI Datasheet HTML 4Page - Linear Technology LTC1430AI Datasheet HTML 5Page - Linear Technology LTC1430AI Datasheet HTML 6Page - Linear Technology LTC1430AI Datasheet HTML 7Page - Linear Technology LTC1430AI Datasheet HTML 8Page - Linear Technology LTC1430AI Datasheet HTML 9Page - Linear Technology LTC1430AI Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1430A
TEST CIRCUITS
–
+
–
+
ILIM
FB
MIN
PWM
MAX
+
40mV
20k
+
1.265V
12
µA
40mV
12
µA
12.4k
PVCC1
SHDN
FREQSET
COMP
SS
IMAX
VCC
PVCC2
G1
G2
PGND
IFB
FB
SENSE+
SENSE –
1430 BD
INTERNAL
SHUTDOWN
50
µs
DELAY
BLOCK DIAGRAM
Figure 1
+
CIN
220
µF
×4
COUT
330
µF
×6
+
+
1
µF
+
+
2.7
µH/15A
PVCC1
VCC
FREQSET
SHDN
COMP
SS
PVCC2
PVCC2 = 5V
PVCC1 = 12V
PGND
GND
G1
IFB
IMAX
G2
NC
1430 F01
SHUTDOWN
FB
NC
SENSE+
LTC1430A
SENSE–
1.61k
1k
FB
NC
NC
SENSE+
SENSE–
LTC1430A
FB MEASUREMENT
VOUT
100
Ω
RC
7.5k
CC
4700pF
C1
220pF
1
µF
0.01
µF
0.1
µF
4.7
µF
3.3V
Q1A, Q1B
2 IN PARALLEL
Q2
Q1A, Q1B, Q2: MOTOROLA MTD20N03HL
CIN: AVX-TPSE227M010R0100
COUT: AVX-TPSE337M006R0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com