Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430AI Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1430AI
Description  High Power Step-Down Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430AI Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1430AI Datasheet HTML 6Page - Linear Technology LTC1430AI Datasheet HTML 7Page - Linear Technology LTC1430AI Datasheet HTML 8Page - Linear Technology LTC1430AI Datasheet HTML 9Page - Linear Technology LTC1430AI Datasheet HTML 10Page - Linear Technology LTC1430AI Datasheet HTML 11Page - Linear Technology LTC1430AI Datasheet HTML 12Page - Linear Technology LTC1430AI Datasheet HTML 13Page - Linear Technology LTC1430AI Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1430A
S
APPLICATI
I FOR ATIO
the output load current. This current is always flowing
through either Q1 or Q2 with the power dissipation split up
according to the duty cycle:
DC (Q1) =
VOUT
VIN
DC (Q2) = 1 –
VOUT
VIN
=
(VIN – VOUT)
VIN
The RON required for a given conduction loss can now be
calculated by rearranging the relation P = I2R:
RON (Q1) =
=
PMAX(Q1)
DC(Q1)(IMAX2)
VIN(PMAX)(Q1)
VOUT(IMAX2)
RON (Q2) =
=
PMAX(Q2)
DC(Q2)(IMAX2)
VIN(PMAX)(Q2)
(VIN – VOUT)(IMAX2)
PMAX should be calculated based primarily on required
efficiency. A typical high efficiency circuit designed for 5V
in, 3.3V at 10A out might require no more than 3%
efficiency loss at full load for each MOSFET. Assuming
roughly 90% efficiency at this current level, this gives a
PMAX value of (3.3V)(10A/0.9)(0.03) = 1.1W per FET and
a required RON of:
RON (Q1) =
= 0.017
Ω
(5V)(1.1W)
(3.3V)(10A2)
RON (Q2) =
= 0.032
Ω
(5V)(1.1W)
(5V – 3.3V)(10A2)
Note that the required RON for Q2 is roughly twice that of
Q1 in this example. This application might specify a single
0.03
Ω device for Q2 and parallel two more of the same
devices to form Q1. Note also that while the required RON
values suggest large MOSFETs, the dissipation numbers
scheme. In 5V input designs where an auxiliary 12V supply
is available to power PVCC1 and PVCC2, standard MOSFETs
with RDS(ON) specified at VGS = 5V or 6V can be used with
good results. The current drawn from this supply varies
with the MOSFETs used and the LTC1430A’s operating
frequency, but is generally less than 50mA.
LTC1430A designs that use a doubler charge pump to
generate gate drive for Q1 and run from PVCC voltages
below 7V cannot provide enough gate drive voltage to fully
enhance standard power MOSFETs. When run from 5V, a
doubler circuit may work with standard MOSFETs, but the
MOSFET RON may be quite high, raising the dissipation in
the FETs and costing efficiency. Logic level FETs are a
better choice for 5V PVCC systems; they can be fully
enhanced with a doubler charge pump and will operate at
maximum efficiency. Doubler designs running from PVCC
voltages near 4V will begin to run into efficiency problems
even with logic level FETs; such designs should be built
with tripler charge pumps (see Figure 7) or with newer,
super low threshold MOSFETs. Note that doubler charge
pump designs running from more than 7V and all tripler
charge pump designs should include a zener clamp diode
DZ at PVCC1 to prevent transients from exceeding the
absolute maximum rating at that pin.
Once the threshold voltage has been selected, RON should
be chosen based on input and output voltage, allowable
power dissipation and maximum required output current.
In a typical LTC1430A buck converter circuit operating in
continuous mode, the average inductor current is equal to
DZ
12V
1N5242
1N5817
1N5817
LTC1430A
PVCC1
PVCC2
0.1
µF
10
µF
Q1
L1
Q2
G1
G2
PVCC
COUT
VOUT
1430 • F07
0.1
µF
1N5817
+
Figure 7. Tripling Charge Pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com