Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430AI Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1430AI
Description  High Power Step-Down Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430AI Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1430AI Datasheet HTML 9Page - Linear Technology LTC1430AI Datasheet HTML 10Page - Linear Technology LTC1430AI Datasheet HTML 11Page - Linear Technology LTC1430AI Datasheet HTML 12Page - Linear Technology LTC1430AI Datasheet HTML 13Page - Linear Technology LTC1430AI Datasheet HTML 14Page - Linear Technology LTC1430AI Datasheet HTML 15Page - Linear Technology LTC1430AI Datasheet HTML 16Page - Linear Technology LTC1430AI Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1430A
S
APPLICATI
I FOR ATIO
by using a larger RC filter from the PVCC pin; 22Ω and 10µF
work well here. The 10
µF capacitor must be VERY close to
the part (preferably right underneath the unit) or output
regulation may suffer.
For both versions of the LTC1430A, PVCC1 must be higher
than PVCC by at least one external MOSFET VGS(ON) to fully
enhance the gate of Q1. This higher voltage can be
provided with a separate supply (typically 12V) which
should power up after PVCC, or it can be generated with a
simple charge pump (Figure 5). The charge pump consists
of a Schottky diode from PVCC to PVCC1 and a 0.1µF
capacitor from PVCC1 to the switching node at the drain of
Q2. This circuit provides 2PVCC – VF to PVCC1 while Q1 is
ON and PVCC – VF while Q1 is OFF where VF is the ON
voltage of the Schottky diode. Ringing at the drain of Q2
can cause transients above 2PVCC at PVCC1; if PVCC is
higher than 7V, a 12V zener diode should be included from
PVCC1 to PGND to prevent transients from damaging the
circuitry at PVCC2 or the gate of Q1.
More complex charge pumps can be constructed with the
16-lead versions of the LTC1430A to provide additional
voltages for use with standard threshold MOSFETs or very
low PVCC voltages. A tripling charge pump (Figure 7) can
provide 2PVCC and 3PVCC voltages. These can be con-
nected to PVCC2 and PVCC1 respectively, allowing stan-
dard threshold MOSFETs to be used with 5V at PVCC or 5V
logic level threshold MOSFETs to be used with 3.3V at
PVCC. VCC can be driven from the same potential as PVCC2,
allowing the entire system to run from a single 3.3V
supply. Tripling charge pumps require the use of Schottky
diodes to minimize forward drop across the diodes at
start-up. The tripling charge pump circuit will tend to
rectify any ringing at the drain of Q2 and can provide well
more than 3PVCC at PVCC1; all tripling (or higher multiply-
ing factor) circuits should include a 12V zener clamp diode
DZ to prevent overvoltage at PVCC1.
3.3V Input Supply Operation
The LTC1430A can be used with input supply voltages
lower than 5V as long as a low power 5V supply is available
to power the LTC1430A itself and to provide gate drive to
the external MOSFETs. A typical 3.3V to 2.5V application
is shown in Figure 10. The circuit can supply up to 10A at
2.5V output, and draws this power from the 3.3V supply.
The 5V supply typically needs to supply about 20mA to
provide gate drive to the external MOSFETs and keep the
LTC1430A control circuits powered. For applications where
there is no 5V supply available, see the LTC1649 data
sheet.
Compensation and Transient Response
The LTC1430A voltage feedback loop is compensated at
the COMP pin; this is the output node of the internal gm
error amplifier. The loop can generally be compensated
Figure 10. 3.3V to 2.5V, 10A Application
+
CIN
220
µF
×4
COUT
330
µF
×6
+
+
+
2.7
µH/15A
PVCC1
VCC
FREQSET
SHDN
COMP
SS
PVCC2
PGND
GND
G1
IFB
IMAX
G2
NC
1430 F10
SHUTDOWN
FB
NC
NC
Q1A, Q1B, Q2: INTERNATIONAL RECTIFIER IRF7801
CIN: AVX-TPSE227M010R0100
COUT: AVX-TPSE337M006R0100
SENSE+
LTC1430A
SENSE–
16k
100
Ω
976
Ω
1%
1k
1%
RC
7.5k
CC
4700pF
C1
220pF
MBR0530T1
1k
0.1
µF
1
µF
0.01
µF
0.1
µF
4.7
µF
1
µF
2.5V
10A
Q1A, Q1B
2 IN PARALLEL
Q2
5V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com