Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430AI Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1430AI
Description  High Power Step-Down Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430AI Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1430AI Datasheet HTML 13Page - Linear Technology LTC1430AI Datasheet HTML 14Page - Linear Technology LTC1430AI Datasheet HTML 15Page - Linear Technology LTC1430AI Datasheet HTML 16Page - Linear Technology LTC1430AI Datasheet HTML 17Page - Linear Technology LTC1430AI Datasheet HTML 18Page - Linear Technology LTC1430AI Datasheet HTML 19Page - Linear Technology LTC1430AI Datasheet HTML 20Page - Linear Technology LTC1430AI Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1430A
S
APPLICATI
I FOR ATIO
Figure 14. Typical Schematic Showing Layout Considerations
Figure 15. Using External Resistors to Set Output Voltages
LTC1430A
VOUT
SENSE+
FB
R1
NC
NC
R2
SENSE–
1430 F15
be floated and an external resistor string should be con-
nected to FB (Figure 15). As before, connect the top
resistor (R1) to the output as close to the load as practical
and connect the bottom resistor (R2) to the common
GND/PGND point. In both cases, connecting the top of the
resistor divider (either SENSE + or R1) close to the load can
significantly improve load regulation by compensating for
any drops in PC traces or hookup wires between the
LTC1430A and the load.
Power Component Hook-Up/Heat Sinking
As current levels rise much above 1A, the power compo-
nents supporting the LTC1430A start to become physi-
cally large (relative to the LTC1430A, at least) and can
require special mounting considerations. Input and output
capacitors need to carry high peak currents and must have
low ESR; this mandates that the leads be clipped as short
as possible and PC traces be kept wide and short. The
power inductor will generally be the most massive single
component on the board; it can require a mechanical hold-
down in addition to the solder on its leads, especially if it
is a surface mount type.
The power MOSFETs used require some care to ensure
proper operation and reliability. Depending on the current
levels and required efficiency, the MOSFETs chosen may
be as large as TO-220s or as small as SO-8s. High
efficiency circuits may be able to avoid heat sinking the
power devices, especially with TO-220 type MOSFETs. As
an example, a 90% efficient converter working at a steady
3.3V/10A output will dissipate only (33W/90%)10% =
3.7W. The power MOSFETs generally account for the
majority of the power lost in the converter; even assuming
that they consume 100% of the power used by the
converter, that’s only 3.7W spread over two or three
devices. A typical SO-8 MOSFET with a RON suitable to
provide 90% efficiency in this design can commonly
dissipate 2W when soldered to an appropriately sized
piece of copper trace on a PC board. Slightly less efficient
or higher output current designs can often get by with
standing a TO-220 MOSFET straight up in an area with
some airflow; such an arrangement can dissipate as much
as 3W without a heat sink. Designs which must work in
high ambient temperatures or which will be routinely
overloaded will generally fare best with a heat sink.
+
+
1430 F14
3.3V
2.7
µH/15A
TOTAL
1980
µF
(330
µF
6.3V
×6)
Q1A*
Q2*
PVCC1
IMAX
FREQSET
GND
PGND
SHDN
COMP
NC
SS
PVCC2
VCC
PGND
GND
RC
7.5k
0.1
µF
1
µF
0.1
µF
CC
4700pF
C1
220pF
CSS
0.01
µF
4.7
µF
35V
100
Ω
G1
IFB
G2
FB
SENSE+
NC
NC
LTC1430A
SENSE–
GND
PGND
* MOTOROLA MTD20N03HL
MBR0530T1
5V
Q1B*
TOTAL
880
µF
(220
µF
10V
×4)
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com