Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1516CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1516CS8
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1516CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1516CS8 Datasheet HTML 1Page - Linear Technology LTC1516CS8 Datasheet HTML 2Page - Linear Technology LTC1516CS8 Datasheet HTML 3Page - Linear Technology LTC1516CS8 Datasheet HTML 4Page - Linear Technology LTC1516CS8 Datasheet HTML 5Page - Linear Technology LTC1516CS8 Datasheet HTML 6Page - Linear Technology LTC1516CS8 Datasheet HTML 7Page - Linear Technology LTC1516CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1516
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 0796 7K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
1
2
7
4
8
3
6
5
C1+
LTC1516
0.1
µF
10
µF
0.1
µF
VOUT = 5V ±4%
IOUT = 40mA
+
10
µF
+
1516 • TA02
VIN
SHDN
C2+
C1–
VOUT
GND
C2–
VCC
SIM CARD
RST
CLK
I/O
GND
LEVEL SHIFT
3V
GSM
CONTROLLER
Fault-Protected SIM Interface Supply for
GSM Cellular Phones
0.1
µF
ON/OFF
10
µF
10
µF
0.1
µF
0.22
µF
VIN
2V TO 5V
CENTRAL SEMICONDUCTOR CMPSH-35 DUAL SCHOTTKY
OPTIONAL CIRCUITRY FOR MAINTAINING – VOUT AT LOW VOUT LOADS
Q1, Q2: 2N3904
*
**
+
2.2
µF
8.2k
3.3k
*
**
1516 • TA03
240
Ω
VOUT = 5V ±4%
IOUT = 20mA,VIN ≥ 2V
IOUT = 50mA, VIN ≥ 3V
–VOUT = –1.4V TO –3V
–IOUT = 5mA
1
7
2
4
8
3
6
5
C1+
LTC1516
VIN
SHDN
C2+
C1–
VOUT
GND
C2–
Q2
Q1
Generating 5V and a Negative Supply
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1054
100mA Switched Capacitor Converter
Includes Reference and Amplifier for Regulation
LTC1144
20mA Switched Capacitor Converter for Up to 20V Inputs
Includes Micropower Shutdown (8
µA)
LTC1261
Positive to Negative Regulated Switched Capacitor Converter
Low Noise (5mV) Output for Up to 10mA Loads
LTC1262
5V to 12V Regulated Switched Capacitor Converter
Up to 30mA at Regulated Output
LTC1550/51
Low Noise Switched Capacitor Regulated Converter
Provides – 4.1V at 20mA with <1mV Ripple
RELATED PARTS
TYPICAL APPLICATIONS N
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com