Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1516CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1516CS8
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1516CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1516CS8 Datasheet HTML 1Page - Linear Technology LTC1516CS8 Datasheet HTML 2Page - Linear Technology LTC1516CS8 Datasheet HTML 3Page - Linear Technology LTC1516CS8 Datasheet HTML 4Page - Linear Technology LTC1516CS8 Datasheet HTML 5Page - Linear Technology LTC1516CS8 Datasheet HTML 6Page - Linear Technology LTC1516CS8 Datasheet HTML 7Page - Linear Technology LTC1516CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1516
Micropower, Regulated
5V Charge Pump
DC/DC Converter
The LTC
®1516 is a micropower charge pump DC/DC
converter that produces a regulated 5V output from a 2V
to 5V supply. Extremely low supply current (12
µA typical
with no load, < 1
µA in shutdown) and low external parts
count (two 0.22
µF flying capacitors and two 10µF capaci-
tors at VIN and VOUT) make the LTC1516 ideally suited for
small, light load battery-powered applications. Typical
efficiency (VIN = 3V) exceeds 70% with load currents
between 50
µA and 50mA. Modulating the SHDN pin keeps
the typical efficiency above 70% with load currents all the
way down to 10
µA.
The LTC1516 operates as either a doubler or a tripler
depending on VIN and output load conditions to improve
overall efficiency. The part has thermal shutdown and can
survive a continuous short from VOUT to GND. In shut-
down the load is disconnected from VIN.
The LTC1516 is available in an 8-pin SO package in both
commercial and industrial temperature grades.
s
Ultralow Power: Typical Operating ICC = 12µA
s
Short Circuit/Thermal Protection
s
Regulated 5V
±4% Output
s
2V to 5V Input Range
s
No Inductors
s
ICC in Shutdown: <1µA
s
Output Current: 20mA (VIN > 2V)
50mA (VIN > 3V)
s
Shutdown Disconnects Load from VIN
s
Internal Oscillator: 600kHz
s
Compact Application Circuit (0.1 in2)
s
8-Pin SO Package
FEATURES
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
Figure 1. Regulated 5V Output from a 2V to 5V Input
Efficiency vs Output Current
APPLICATIONS
s
2-Cell to 5V Conversion
s
Li-Ion Battery Backup Supplies
s
Local 3V to 5V Conversion
s
5V Flash Memory Programmer
s
Smart Card Readers
TYPICAL APPLICATION
1
2
3
4
8
7
6
5
C1–
SHDN
GND
C2–
C1+
VIN
VOUT
C2+
LTC1516
0.22
µF
ON/OFF
10
µF
10
µF
VOUT = 5V ±4%
IOUT = 0mA TO 20mA, VIN ≥ 2V
IOUT = 0mA TO 50mA, VIN ≥ 3V
0.22
µF
VIN = 2V TO 5V
+
+
1516 • F01
OUTPUT CURRENT (mA)
50
60
70
80
90
100
1516 • TA01
0.01
0.1
1
10
SHDN = 0V
VIN = 3V
LOW IQ MODE
(SEE FIGURE 3)


Similar Part No. - LTC1516CS8

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1516 LINEAR-LTC1516 Datasheet
144Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
92Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
More results

Similar Description - LTC1516CS8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Linear Technology
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Linear Technology
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
Micropower, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com