Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1516CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1516CS8
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1516CS8 Datasheet(HTML) 7 Page - Linear Technology

  LTC1516CS8 Datasheet HTML 1Page - Linear Technology LTC1516CS8 Datasheet HTML 2Page - Linear Technology LTC1516CS8 Datasheet HTML 3Page - Linear Technology LTC1516CS8 Datasheet HTML 4Page - Linear Technology LTC1516CS8 Datasheet HTML 5Page - Linear Technology LTC1516CS8 Datasheet HTML 6Page - Linear Technology LTC1516CS8 Datasheet HTML 7Page - Linear Technology LTC1516CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1516
APPLICATIONS INFORMATION
Paralleling Devices
Two or more LTC1516’s may be connected in parallel to
provide higher output currents. The VIN, VOUT, GND and
SHDN pins may be tied together, but the C1 and C2 pins
must be kept separate (see Figure 5). Separate CIN and
COUT capacitors may be required to reduce output noise
and ripple if the paralleled devices cannot be kept close
together. Otherwise, single CIN and COUT capacitors may
be used with each being 2
× (or 3× if three parts are
paralleled, etc.) in value.
General Layout Considerations
Due to the high switching frequency and high transient
currents produced by the LTC1516, careful board layout is
a must. A clean board layout using a ground plane and
short connections to all capacitors will improve perfor-
mance and ensure proper regulation under all conditions
(refer to Figure 6).
C2
COUT
CIN
VOUT
VIN
1516 • F06
LTC1516
18
27
36
45
SHDN
GND
+
C1
Figure 6. Suggested Component Placement for LTC1516
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
1
2
3
4
8
7
6
5
C1–
SHDN
GND
C2–
C1+
VIN
VOUT
C2+
LTC1516
0.22
µF
ON/OFF
22
µF
22
µF
VOUT = 5V ±4%
IOUT = 0mA TO 40mA, VIN ≥ 2V
IOUT = 0mA TO 100mA, VIN ≥ 3V
0.22
µF
VIN = 2V
TO 5V
+
+
1516 • F05
1
2
3
4
8
7
6
5
C1–
SHDN
GND
C2–
C1+
VIN
VOUT
C2+
LTC1516
0.22
µF
0.22
µF
Figure 5. Paralleling Devices



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com