Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1516CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1516CS8
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1516CS8 Datasheet(HTML) 6 Page - Linear Technology

  LTC1516CS8 Datasheet HTML 1Page - Linear Technology LTC1516CS8 Datasheet HTML 2Page - Linear Technology LTC1516CS8 Datasheet HTML 3Page - Linear Technology LTC1516CS8 Datasheet HTML 4Page - Linear Technology LTC1516CS8 Datasheet HTML 5Page - Linear Technology LTC1516CS8 Datasheet HTML 6Page - Linear Technology LTC1516CS8 Datasheet HTML 7Page - Linear Technology LTC1516CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1516
APPLICATIONS INFORMATION
Ultralow Quiescent Current (IQ < 5µA) Regulated
Supply
The LTC1516 contains an internal resistor divider (refer to
Block Diagram) which draws only 1.5
µA (typ) from VOUT.
During no-load conditions, the internal load causes a
droop rate of only 150mV per second on VOUT with
COUT = 10µF. Applying a 5Hz to 100Hz, 95% to 98% duty
cycle signal to the SHDN pin ensures that the circuit of
Figure 3 comes out of shutdown frequently enough to
maintain regulation during no-load or low-load condi-
tions. Since the part spends nearly all of its time in
shutdown, the no-load quiescent current (see Figure 4a) is
approximately equal to (VOUT)(1.5µA)/(VIN)(Efficiency).
The LTC1516 must be out of shutdown for a minimum
duration of 200
µstoallowenoughtimetosensetheoutput
and keep it in regulation. As the VOUT load current
increases, the frequency with which the part is taken out
of shutdown must also be increased to prevent VOUT
from drooping below 4.8V during the OFF phase (see
Figure 4b). A 100Hz 98% duty cycle signal on the SHDN
pin ensures proper regulation with load currents as high
as 100
µA. When load current greater than 100µA is
needed, the SHDN pin must be forced low as in normal
operation. The typical no-load supply current for this
circuit with VIN = 3V is only 3.2µA.
1
2
3
4
8
7
6
5
C1–
SHDN
GND
C2–
C1+
VIN
VOUT
C2+
LTC1516
0.22
µF
FROM MPU
10
µF
10
µF
VOUT = 5V ±4%
SHDN PIN WAVEFORMS:
LOW IQ MODE (5Hz TO 100Hz, 95% TO 98% DUTY CYCLE)
IOUT ≤ 100µA
VOUT LOAD ENABLE MODE
(IOUT = 100µA TO 50mA)
0.22
µF
VIN = 2V TO 5V
+
+
1516 • F03
Figure 3. Ultralow Quiescent Current (<5
µA) Regulated Supply
Figure 4b. Maximum SHDN OFF Time vs Output Load Current for
Ultralow IQ Operation
Figure 4a. No Load ICC vs Input Voltage for Circuit in Figure 3
OUTPUT CURRENT (
µA)
1
10
100
1000
1000
1516 • F04b
1
10
100
SHDN ON PULSE WIDTH = 200
µs
COUT = 10µF
INPUT VOLTAGE (V)
0.0
2.0
4.0
6.0
5.0
1516 • F04a
2.0
3.0
4.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com