Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1516CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1516CS8
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1516CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1516CS8 Datasheet HTML 1Page - Linear Technology LTC1516CS8 Datasheet HTML 2Page - Linear Technology LTC1516CS8 Datasheet HTML 3Page - Linear Technology LTC1516CS8 Datasheet HTML 4Page - Linear Technology LTC1516CS8 Datasheet HTML 5Page - Linear Technology LTC1516CS8 Datasheet HTML 6Page - Linear Technology LTC1516CS8 Datasheet HTML 7Page - Linear Technology LTC1516CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1516
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs Input Voltage
Efficiency vs Input Voltage
No Load Supply Current vs
Input Voltage
Output Current vs Input Voltage
INPUT VOLTAGE (V)
50
60
70
80
90
5.0
1516 • G01
2.0
2.5
3.0
4.0
4.5
3.5
IOUT = 10mA
INPUT VOLTAGE (V)
0
40
20
100
120
80
60
5
1516 • G02
23
4
C1 = C2
= 0.22
µF
C1 = C2
= 0.047
µF
C1 = C2
= 0.022
µF
C1 = C2
= 0.1
µF
C1 = C2 = 0.01
µF
COUT = 10µF
TA = 25°C
INPUT VOLTAGE (V)
5
10
15
20
5
1516 • G03
234
INPUT VOLTAGE (V)
IOUT = 20mA
4.90
4.95
5.05
5.00
5.10
6
5
1516 • G04
2
13
4
OUTPUT CURRENT (mA)
4.90
5.10
5.05
5.00
4.95
1516 • G05
0.01
0.1
1
10
100
VIN = 3V
Output Voltage vs Output Current
IOUT,
0mA TO 25mA,
10mA/DIV
VOUT,
AC COUPLED,
100mV/DIV
1516 • G04
Load Transient Response, VIN = 3V
PIN FUNCTIONS
C1+ (Pin 1): Flying Capacitor 1, Positive Terminal.
VIN (Pin 2): Input Supply Voltage.
VOUT (Pin 3): 5V Output Voltage (VOUT = 0V in Shutdown).
C2+ (Pin 4): Flying Capacitor 2, Positive Terminal.
C2 – (Pin 5): Flying Capacitor 2, Negative Terminal.
GND (Pin 6): Ground.
SHDN (Pin 7): Active High CMOS Logic-Level Shutdown
Input.
C1 – (Pin 8): Flying Capacitor 1, Negative Terminal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com