Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1516CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1516CS8
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1516CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1516CS8 Datasheet HTML 1Page - Linear Technology LTC1516CS8 Datasheet HTML 2Page - Linear Technology LTC1516CS8 Datasheet HTML 3Page - Linear Technology LTC1516CS8 Datasheet HTML 4Page - Linear Technology LTC1516CS8 Datasheet HTML 5Page - Linear Technology LTC1516CS8 Datasheet HTML 6Page - Linear Technology LTC1516CS8 Datasheet HTML 7Page - Linear Technology LTC1516CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1516
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
VIN to GND...................................................– 0.3V to 6V
VOUT to GND ................................................– 0.3V to 6V
SHDN to GND ..............................................– 0.3V to 6V
VOUT Short-Circuit Duration ............................. Indefinite
Operating Temperature Range
Commercial ............................................. 0
°C to 70°C
Industrial ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ELECTRICAL CHARACTERISTICS
VIN = 2V to 5V, C1 = C2 = 0.22µF, CIN = COUT = 10µF, TMIN to TMAX unless otherwise specified (Note 3).
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage
q
25
V
VOUT
Output Voltage
2V
≤ VIN ≤ 5V, IOUT ≤ 20mA
q
4.8
5.2
V
3V
≤ VIN ≤ 3.6V, IOUT ≤ 50mA
q
4.8
5.2
V
3.6V
≤ VIN ≤ 5V, IOUT ≤ 50mA, TA = 25°C (Note 2)
4.8
5.2
V
ICC
Supply Current
2V
≤ VIN ≤ 5V, IOUT = 0mA, SHDN = 0V
q
12
20
µA
2V
≤ VIN ≤ 5V, IOUT = 0mA, SHDN = VIN
q
0.005
1
µA
Output Ripple
Full Load
100
mV
Efficiency
VIN = 3V, IOUT = 20mA
82
%
fOSC
Switching Frequency
Full Load
600
kHz
VIH
SHDN Input Threshold
q
(0.7)(VIN)V
VIL
q
0.4
V
IIH
SHDN Input Current
VSHDN = VIN
q
–1
1
µA
IIL
VSHDN = 0V
q
–1
1
µA
tON
VOUT Turn-On Time
VIN = 3V, IOUT = 0mA (Note 3)
500
µs
S8 PART MARKING
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired
Note 2: At input voltages > 3.6V and ambient temperatures >70
°C,
continuous power dissipation must be derated to maintain junction
temperatures below 125
°C. Derate 6mW/°C above 70°C in SO-8.
Note 3: The LTC1516 is tested with the capacitors shown in Figure 1.
1516
1516I
ORDER PART
NUMBER
LTC1516CS8
LTC1516IS8
TJMAX = 125°C, θJA = 150°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
C1–
SHDN
GND
C2–
C1+
VIN
VOUT
C2+
S8 PACKAGE
8-LEAD PLASTIC SO
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com