Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1625CS
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1625CS Datasheet HTML 13Page - Linear Technology LTC1625CS Datasheet HTML 14Page - Linear Technology LTC1625CS Datasheet HTML 15Page - Linear Technology LTC1625CS Datasheet HTML 16Page - Linear Technology LTC1625CS Datasheet HTML 17Page - Linear Technology LTC1625CS Datasheet HTML 18Page - Linear Technology LTC1625CS Datasheet HTML 19Page - Linear Technology LTC1625CS Datasheet HTML 20Page - Linear Technology LTC1625CS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1625
APPLICATIONS INFORMATION
automobile is the source of a number of nasty potential
transients, including load dump, reverse and double
battery.
Load dump is the result of a loose battery cable. When the
cable breaks connection, the field collapse in the alternator
can cause a positive spike as high as 60V which takes
several hundred milliseconds to decay. Reverse battery is
just what it says, while double battery is a consequence of
tow truck operators finding that a 24V jump start cranks
cold engines faster than 12V.
The network shown in Figure 8 is the most straightforward
approach to protect a DC/DC converter from the ravages
of an automotive battery line. The series diode prevents
current from flowing during reverse battery, while the
transient suppressor clamps the input voltage during load
dump. Note that the transient suppressor should not
conduct during double-battery operation, but must still
clamp the input voltage below breakdown of the converter.
Although the LTC1625 has a maximum input voltage of
36V, most applications will be limited to 30V by the
MOSFET V(BR)DSS.
For 40% ripple current at maximum VIN the inductor
should be:
L
V
kHz
A
V
V
H
≥


=µ
33
225
0 4 2
1
33
22
16
.
(
)( . )(
)
–
.
Choosing a standard value of 15
µH results in a maximum
ripple current of:
∆I
V
kHz
H
V
V
A
L MAX
()
.
()(
)
–
.
.
=
µ


=
33
225
15
1
33
22
083
Next, check that the minimum value of the current limit is
acceptable. Assume a junction temperature close to a
70
°C ambient with ρ80°C = 1.3.
I
mV
AA
LIMIT ≥
Ω


=
150
0 042
1 3
1
2
083
2 3
(.
)( . )
–.
.
This is comfortably above IO(MAX)= 2A. Now double-check
the assumed TJ:
P
V
V
A
A
pF
kHz
mW
mW
mW
TOP =Ω +
=+=
33
22
23
13 0042
1 7 22
2 3
180
225
43
77
120
2
2
.
( .
) (.)( .
)
(. )(
) ( .
)(
)(
)
TJ = 70°C + (120mW)(50°C/W) = 76°C
Since
ρ(76°C) ≅ ρ(80°C), the solution is self-consistent.
A short circuit to ground will result in a folded back
current of:
I
mV
V
s
H
A
SC =
Ω
+


µ
µ
=
30
003
1 1
1
2
15
0 5
15
12
(.
)( . )
()( .
)
.
with a typical value of RDS(ON) and ρ(50°C) = 1.1. The
resulting power dissipated in the bottom MOSFET is:
P
VV
V
AmW
BOT =Ω =
15
3 3
15
12
11 003
37
2
–.
(.
) ( . )( .
)
which is less than under full load conditions.
VIN
TRANSIENT VOLTAGE
SUPPRESSOR
GENERAL INSTRUMENT
1.5KA24A
12V
LTC1625
50A IPK
RATING
1625 F08
PGND
Figure 8. Automotive Application Protection
Design Example
As a design example, take a supply with the following
specifications: VIN = 12V to 22V (15V nominal), VOUT =
3.3V, IO(MAX) = 2A, and f = 225kHz. The required RDS(ON)
can immediately be estimated:
R
mV
A
DS ON
()
()( . )
.
==
Ω
120
21 3
0 046
A 0.042
Ω Siliconix Si4412DY MOSFET (θJA = 50°C/W) is
close to this value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com