Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1625CS
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1625CS Datasheet HTML 2Page - Linear Technology LTC1625CS Datasheet HTML 3Page - Linear Technology LTC1625CS Datasheet HTML 4Page - Linear Technology LTC1625CS Datasheet HTML 5Page - Linear Technology LTC1625CS Datasheet HTML 6Page - Linear Technology LTC1625CS Datasheet HTML 7Page - Linear Technology LTC1625CS Datasheet HTML 8Page - Linear Technology LTC1625CS Datasheet HTML 9Page - Linear Technology LTC1625CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1625
PIN FUNCTIONS
Leaving VPROG open allows the output voltage to be set by
an external resistive divider between the output and
VOSENSE.
PGND (Pin 9): Driver Power Ground. Connects to the
source of the bottom N-channel MOSFET, the (–) terminal
of CVCC and the (–) terminal of CIN.
BG (Pin 10): Bottom Gate Drive. Drives the gate of the
bottom N-channel MOSFET between ground and INTVCC.
INTVCC (Pin 11): Internal 5.2V Regulator Output. The
driver and control circuits are powered from this voltage.
Decouple this pin to power ground with a minimum of
4.7
µF tantalum capacitance.
BOOST (Pin 12): Topside Floating Driver Supply. The (+)
terminal of the bootstrap capacitor connects here. This pin
swings from a diode drop below INTVCC to VIN + INTVCC.
TG (Pin 13): Top Gate Drive. Drives the top N-channel
MOSFET with a voltage swing equal to INTVCC minus a
diode drop, superimposed on the switch node voltage.
SW (Pin 14): Switch Node. The (–) terminal of the boot-
strap capacitor connects here. This pin swings from a
diode drop below ground up to VIN.
TK (Pin 15): Top MOSFET Kelvin Sense. MOSFET VDS
sensing requires this pin to be routed to the drain of the top
MOSFET separately from VIN.
VIN (Pin 16): Main Supply Input. Decouple this pin to
ground with an RC filter (4.7
Ω, 0.1µF) for applications
above 3A.
EXTVCC (Pin 1): INTVCC Switch Input. When the EXTVCC
voltage is above 4.7V, the switch closes and supplies
INTVCC power from EXTVCC. Do not exceed 7V at this pin.
SYNC (Pin 2): Synchronization Input for Internal Oscilla-
tor. The oscillator will nominally run at 150kHz when open,
225kHz when tied above 1.2V, and will lock over a 1.5:1
clock frequency range.
RUN/SS (Pin 3): Run Control and Soft Start Input. A
capacitor to ground at this pin sets the ramp time to full
current output (approximately 1s/
µF). Forcing this pin
below 1.4V shuts down the device.
FCB (Pin 4): Forced Continuous Input. Tie this pin to
ground to force synchronous operation at low load, to a
resistive divider from the secondary output when using
a secondary winding, or to INTVCC to enable Burst Mode
operation at low load.
ITH (Pin 5): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 2.4V.
SGND (Pin 6): Signal Ground. Connect to the (–) terminal
of COUT.
VOSENSE (Pin 7): Output Voltage Sense. Feedback input
from the remotely sensed output voltage or from an
external resistive divider across the output.
VPROG (Pin 8): Output Voltage Programming. When
VOSENSE is connected to the output, VPROG < 0.8V selects
a 3.3V output and VPROG > 3.5V selects a 5V output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com