Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625CS Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1625CS
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625CS Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1625CS Datasheet HTML 16Page - Linear Technology LTC1625CS Datasheet HTML 17Page - Linear Technology LTC1625CS Datasheet HTML 18Page - Linear Technology LTC1625CS Datasheet HTML 19Page - Linear Technology LTC1625CS Datasheet HTML 20Page - Linear Technology LTC1625CS Datasheet HTML 21Page - Linear Technology LTC1625CS Datasheet HTML 22Page - Linear Technology LTC1625CS Datasheet HTML 23Page - Linear Technology LTC1625CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1625
TYPICAL APPLICATIONS
– 5V/4.5A Positive to Negative Converter
CIN: SANYO 16SV220M
COUT: SANYO 6SV470M
L1: MAGNETICS Kool-M
µ 77120-A7, 9 TURNS, 17 GAUGE
CSS
0.1
µF
RC
10k
CC1
2.2nF
VIN
5V TO 10V
VOUT
–5V
4.5A
1625TA08
DB
CMDSH-3
M2
FDS6670A
L1
6
µH
CVCC
4.7
µF
CIN
220
µF
16V
+
+
COUT
470
µF
6.3V
+
D1
MBR140T3
VIN
TK
EXTVCC
LTC1625
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CC2
220pF
CF
0.1
µF
M1
FDS6670A
CB
0.22
µF
RF
4.7
Ω
CIN: SANYO 20S68M
COUT: SANYO 16SA100M
L1: 7A, 18
µH Kool-Mµ 77120-A7, 15 TURNS, 17 GAUGE
CSS
0.1
µF
RC
10k
CC1
2.2nF
VIN
6V TO 18V
VOUT
12V
1625TA09
DB
CMDSH-3
D4
BAT85
L1
18
µH
CVCC
4.7
µF
CIN
68
µF
20V
x2
+
+
COUT
100
µF
16V
30m
Ω
x2
+
D2
MBRS340T3
D5
BAT85
D1
MBRS
340T3
Z1
MMBZ
5240
10V
VIN
TK
EXTVCC
LTC1625
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CC2
220pF
CF
0.1
µF
M1
Si4420DY
M2
Si4420DY
M3
Si4420DY
M4
Si4425DY
CB
0.33
µF
RF
4.7
Ω
R1
3.92k
R2
35.7k
R1
100k
4
6
5
3
8
2
17
C1
470pF
C2
0.1
µF
D3
BAT85
1/2
LTC1693-2
1/2
LTC1693-2
VIN
18
12
6
IOUT
4.0
3.3
2.0
Single Inductor, Positive Output Buck Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com