Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1625CS
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1625CS Datasheet HTML 1Page - Linear Technology LTC1625CS Datasheet HTML 2Page - Linear Technology LTC1625CS Datasheet HTML 3Page - Linear Technology LTC1625CS Datasheet HTML 4Page - Linear Technology LTC1625CS Datasheet HTML 5Page - Linear Technology LTC1625CS Datasheet HTML 6Page - Linear Technology LTC1625CS Datasheet HTML 7Page - Linear Technology LTC1625CS Datasheet HTML 8Page - Linear Technology LTC1625CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1625
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency
vs Temperature
FCB Pin Current vs Temperature
Maximum Current Sense Voltage
vs Temperature
Maximum Current Sense Voltage
vs Duty Cycle
DUTY CYCLE
0
100
150
0.8
1625 G10
50
0
0.2
0.4
0.5
1.0
200
TEMPERATURE (
°C)
–40
140
145
150
155
160
–15
10
35
60
1625 G11
85
110
135
TEMPERATURE (
°C)
–40
200
250
300
35
85
1625 G12
150
100
–15
10
60
110
135
50
0
SYNC = 1.5V
SYNC = 0V
TEMPERATURE (
°C)
–40
– 0.50
– 0.25
0
35
85
1625 G13
– 0.75
–1.00
–15
10
60
110
135
–1.25
–1.50
RUN/SS Pin Current
vs Temperature
TEMPERATURE (
°C)
–40
–15
–5
–3
0
10
60
85
1625 G14
–4
–1
–2
35
110
135
Soft Start:
Load Current vs Time
INDUCTOR
CURRENT
2A/DIV
RUN/SS
2V/DIV
20ms/DIV
VIN = 20V
VOUT = 5V
RLOAD = 1Ω
FIGURE 1 CIRCUIT
VIN = 20V
VOUT = 5V
ILOAD = 1A TO 4A
FIGURE 1 CIRCUIT
VOUT
50mV/DIV
200
µs/DIV
50
µs/DIV
VIN = 20V
VOUT = 5V
ILOAD = 50mA
FIGURE 1 CIRCUIT
Burst Mode Operation
VOUT
50mV/DIV
ITH
100mV/DIV
Transient Response
(Burst Mode Operation)
VOUT
50mV/DIV
500
µs/DIV
VIN = 20V
VOUT = 5V
ILOAD = 50mA TO 1A
FIGURE 1 CIRCUIT
Transient Response
1625 F07
1625 F09
1625 F06
1625 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com