Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1625CS
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1625CS Datasheet HTML 14Page - Linear Technology LTC1625CS Datasheet HTML 15Page - Linear Technology LTC1625CS Datasheet HTML 16Page - Linear Technology LTC1625CS Datasheet HTML 17Page - Linear Technology LTC1625CS Datasheet HTML 18Page - Linear Technology LTC1625CS Datasheet HTML 19Page - Linear Technology LTC1625CS Datasheet HTML 20Page - Linear Technology LTC1625CS Datasheet HTML 21Page - Linear Technology LTC1625CS Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1625
APPLICATIONS INFORMATION
+
CSS
0.1
µF
RC
10k
CC1
470pF
CC2
220pF
M1
Si4412DY
CIN
22
µF
35V
×2
VIN
12V TO 22V
VOUT
3.3V
2A
M2
Si4412DY
D1
MBRS140T3
DB
CMDSH-3
CVCC
4.7
µF
1625 F09
OPEN
INTVCC
VIN
TK
EXTVCC
LTC1625
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CB
0.1
µF
L1
15
µH
+
COUT
100
µF
10V
0.065
Ω
×2
+
CIN: AVX TPSE226M035R0300
COUT: AVX TPSD107M010R0065
L1: SUMIDA CDRH125-150MC
Figure 9. 3.3V/2A Fixed Output at 225kHz
CIN is chosen for an RMS current rating of at least 1A at
temperature. COUT is chosen with an ESR of 0.033Ω for
low output ripple. The output ripple in continuous mode
will be highest at the maximum input voltage and is
approximately:
∆VO = (∆IL(MAX))(ESR) = (0.83A)(0.033Ω) = 27mV
The complete circuit is shown in Figure 9.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1625. These items are also illustrated graphically in
the layout diagram of Figure 10. Check the following in
your layout:
1) Connect the TK lead directly to the drain of the topside
MOSFET. Then connect the drain to the (+) plate of CIN.
This capacitor provides the AC current to the top
MOSFET.
2) The power ground pin connects directly to the source of
the bottom N-channel MOSFET. Then connect the source
to the anode of the Schottky diode and (–) plate of CIN,
which should have as short lead lengths as possible.
3) The LTC1625 signal ground pin must return to the (–)
plate of COUT. Connect the (–) plate of COUT to power
ground at the source of the bottom MOSFET
4) Keep the switch node SW away from sensitive small-
signal nodes. Ideally the switch node should be placed
on the opposite side of the power MOSFETs from the
LTC1625.
5) Connect the INTVCC decoupling capacitor CVCC closely
to the INTVCC pin and the power ground pin. This
capacitor carries the MOSFET gate drive current.
6) Does the VOSENSE pin connect directly to the (+) plate of
COUT? In adjustable applications, the resistive divider
(R1, R2) must be connected between the (+) plate of
COUT and signal ground. Place the divider near the
LTC1625 in order to keep the high impedance VOSENSE
node short.
7) For applications with multiple switching power con-
verters connected to the same VIN, ensure that the input
filter capacitance for the LTC1625 is not shared with the
other converters. AC input current from another con-
verter will cause substantial input voltage ripple that
may interfere with proper operation of the LTC1625. A
few inches of PC trace or wire (
≈100nH) between CIN
and VIN is sufficient to prevent sharing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com