Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1625CS
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1625CS Datasheet HTML 1Page - Linear Technology LTC1625CS Datasheet HTML 2Page - Linear Technology LTC1625CS Datasheet HTML 3Page - Linear Technology LTC1625CS Datasheet HTML 4Page - Linear Technology LTC1625CS Datasheet HTML 5Page - Linear Technology LTC1625CS Datasheet HTML 6Page - Linear Technology LTC1625CS Datasheet HTML 7Page - Linear Technology LTC1625CS Datasheet HTML 8Page - Linear Technology LTC1625CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1625
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1625 G02
25
30
95
ILOAD = 2A
ILOAD = 200mA
FIGURE 1 CIRCUIT
Efficiency vs Input Voltage,
VOUT = 3.3V
VIN – VOUT Dropout Voltage
vs Load Current
LOAD CURRENT (A)
0
200
300
4
1625 G06
100
0
1
2
3
5
400
FIGURE 1 CIRCUIT
VOUT = 5V – 5% DROP
Efficiency vs Load Current
LOAD CURRENT (A)
0.001
70
80
10
1625 G01
60
50
0.01
0.1
1
100
90
BURST
MODE
OPERATION
CONTINUOUS
MODE
VIN = 10V
VOUT = 5V
EXTVCC = VOUT
Load Regulation
LOAD CURRENT (A)
0
– 0.10
– 0.05
0
4
1625 G04
– 0.15
– 0.20
– 0.25
1
2
3
5
FIGURE 1 CIRCUIT
Input and Shutdown Current
vs Input Voltage
INPUT VOLTAGE (V)
05
0
400
1000
10
20
25
1625 G07
200
800
600
0
20
50
10
40
30
15
30
35
EXTVCC OPEN
EXTVCC = 5V
SHUTDOWN
Efficiency vs Input Voltage,
VOUT = 5V
INPUT VOLTAGE (V)
0
70
75
80
85
90
100
5
10
15
20
1625 G02
25
30
95
ILOAD = 2A
ILOAD = 200mA
FIGURE 1 CIRCUIT
ITH Pin Voltage vs Load Current
LOAD CURRENT (A)
0
2.0
2.5
3.0
35
1625 G05
1.5
1.0
12
46
7
0.5
0
FIGURE 1 CIRCUIT
VIN = 20V
VOUT = 5V
CONTINUOUS
MODE
Burst Mode
OPERATION
INTVCC LOAD CURRENT (mA)
0
300
400
500
40
1625 G09
200
100
0
10
20
30
50
EXTVCC Switch Drop
vs INTVCC Load Current
INTVCC Load Regulation
INTVCC LOAD CURRENT (mA)
0
–1.0
– 0.5
0
40
1625 G08
–1.5
– 2.0
– 2.5
10
20
30
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com