Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1625IGN
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1625IGN Datasheet HTML 4Page - Linear Technology LTC1625IGN Datasheet HTML 5Page - Linear Technology LTC1625IGN Datasheet HTML 6Page - Linear Technology LTC1625IGN Datasheet HTML 7Page - Linear Technology LTC1625IGN Datasheet HTML 8Page - Linear Technology LTC1625IGN Datasheet HTML 9Page - Linear Technology LTC1625IGN Datasheet HTML 10Page - Linear Technology LTC1625IGN Datasheet HTML 11Page - Linear Technology LTC1625IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1625
OPERATIO
Main Control Loop
The LTC1625 is a constant frequency, current mode
controller for DC/DC step-down converters. In normal
operation, the top MOSFET is turned on when the RS latch
is set by the on-chip oscillator and is turned off when the
current comparator I1 resets the latch. While the top
MOSFET is turned off, the bottom MOSFET is turned on
until either the inductor current reverses, as determined
by the current reversal comparator I2, or the next cycle
begins. Inductor current is measured by sensing the VDS
potential across the conducting MOSFET. The output of
the appropriate sense amplifier (TA or BA) is selected by
the switch logic and applied to the current comparator.
The voltage on the ITH pin sets the comparator threshold
corresponding to peak inductor current. The error ampli-
fier EA adjusts this voltage by comparing the feedback
signal VFB from the output voltage with the internal 1.19V
reference. The VPROG pin selects whether the feedback
voltage is taken directly from the VOSENSE pin or is derived
from an on-chip resistive divider. When the load current
increases, it causes a drop in the feedback voltage relative
to the reference. The ITH voltage then rises until the
average inductor current again matches the load current.
The internal oscillator can be synchronized to an external
clock applied to the SYNC pin and can lock to a frequency
between 100% and 150% of its nominal 150kHz rate.
When the SYNC pin is left open, it is pulled low internally
and the oscillator runs at its normal rate. If this pin is taken
above 1.2V, the oscillator will run at its maximum 225kHz
rate.
Pulling the RUN/SS pin low forces the controller into its
shutdown state and turns off both MOSFETs. Releasing
the RUN/SS pin allows an internal 3
µA current source to
charge up an external soft start capacitor CSS. When this
voltage reaches 1.4V, the controller begins switching, but
with the ITH voltage clamped at approximately 0.8V. As
CSS continues to charge, the clamp is raised until full range
operation is restored.
The top MOSFET driver is powered from a floating boot-
strap capacitor CB. This capacitor is normally recharged
from INTVCC through a diode DB when the top MOSFET is
turned off. As VIN decreases towards VOUT, the converter
will attempt to turn on the top MOSFET continuously
(‘’dropout’’). A dropout counter detects this condition and
forces the top MOSFET to turn off for about 500ns every
tenth cycle to recharge the bootstrap capacitor.
An overvoltage comparator OV guards against transient
overshoots and other conditions that may overvoltage the
output. In this case, the top MOSFET is turned off and the
bottom MOSFET is turned on until the overvoltage condi-
tion is cleared.
Foldback current limiting for an output shorted to ground
is provided by a transconductance amplifer CL. As VFB
drops below 0.6V, the buffered ITH input to the current
comparator is gradually pulled down to a 0.95V clamp.
This reduces peak inductor current to about one fifth of its
maximum value.
Low Current Operation
The LTC1625 is capable of Burst Mode operation at low
load currents. If the error amplifier drives the ITH voltage
below 0.95V, the buffered ITH input to the current com-
parator will remain clamped at 0.95V. The inductor current
peak is then held at approximately 30mV/RDS(ON)(TOP). If
ITH then drops below 0.5V, the Burst Mode comparator B
will turn off both MOSFETs. The load current will be
supplied solely by the output capacitor until ITH rises
above the 50mV hysteresis of the comparator and switch-
ing is resumed. Burst Mode operation is disabled by
comparator F when the FCB pin is brought below 1.19V.
This forces continuous operation and can assist second-
ary winding regulation.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
of the internal circuitry of the LTC1625 is derived from the
INTVCC pin. When the EXTVCC pin is left open, an internal
5.2V low dropout regulator supplies the INTVCC power
from VIN. If EXTVCC is raised above 4.7V, the internal
regulator is turned off and an internal switch connects
EXTVCC to INTVCC. This allows a high efficiency source,
such as the primary or a secondary output of the converter
itself, to provide the INTVCC power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com