Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1625IGN
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1625IGN Datasheet HTML 1Page - Linear Technology LTC1625IGN Datasheet HTML 2Page - Linear Technology LTC1625IGN Datasheet HTML 3Page - Linear Technology LTC1625IGN Datasheet HTML 4Page - Linear Technology LTC1625IGN Datasheet HTML 5Page - Linear Technology LTC1625IGN Datasheet HTML 6Page - Linear Technology LTC1625IGN Datasheet HTML 7Page - Linear Technology LTC1625IGN Datasheet HTML 8Page - Linear Technology LTC1625IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1625
No RSENSE
TM Current Mode
Synchronous Step-Down
Switching Regulator
FEATURES
DESCRIPTION
s
Highest Efficiency Current Mode Controller
s
No Sense Resistor Required
s
Stable High Current Operation
s
Dual N-Channel MOSFET Synchronous Drive
s
Wide VIN Range: 3.7V to 36V
s
Wide VOUT Range: 1.19V to VIN
s
±1% 1.19V Reference
s
Programmable Fixed Frequency with Injection Lock
s
Very Low Drop Out Operation: 99% Duty Cycle
s
Forced Continuous Mode Control Pin
s
Optional Programmable Soft Start
s
Pin Selectable Output Voltage
s
Foldback Current Limit
s
Output Overvoltage Protection
s
Logic Controlled Micropower Shutdown: IQ < 30µA
s
Available in 16-Lead Narrow SSOP and SO Packages
The LTC
®1625 is a synchronous step-down switching
regulator controller that drives external N-Channel power
MOSFETs using few external components. Current mode
control with MOSFET VDS sensing eliminates the need for
a sense resistor and improves efficiency. The frequency of
a nominal 150kHz internal oscillator can be synchronized
to an external clock over a 1.5:1 frequency range.
Burst Mode
TM operation at low load currents reduces
switching losses and low dropout operation extends oper-
ating time in battery-powered systems. A forced continu-
ous mode control pin can assist secondary winding
regulation by disabling Burst Mode operation when the
main output is lightly loaded.
Fault protection is provided by foldback current limiting
and an output overvoltage comparator. An external ca-
pacitor attached to the RUN/SS pin provides soft start
capability for supply sequencing. A wide supply range
allows operation from 3.7V (3.9V for LTC1625I) to 36V at
the input and 1.19V to VIN at the output.
TYPICAL APPLICATION
Figure 1. High Efficiency Step-Down Converter
+
+
VIN
TK
SYNC
LTC1625
RUN/SS
VOSENSE
TG
SW
CB 0.22µF
DB
CMDSH-3
CC
2.2nF
RC
10k
M2
Si4410DY
D1
MBRS140T3
M1
Si4410DY
CVCC 4.7µF
1625 F01
L1
10
µH
CIN
10
µF
30V
×2
BOOST
INTVCC
BG
ITH
VPROG
SGND
PGND
+
COUT
100
µF
10V
×3
VOUT
3.3V
4.5A
VIN
5V TO
28V
CSS
0.1
µF
LOAD CURRENT (A)
0.01
80
90
100
0.1
1
10
1625 TA01
70
60
VIN = 10V
VOUT = 5V
VOUT = 3.3V
Efficiency vs Load Current
APPLICATIONS
s
Notebook and Palmtop Computers, PDAs
s
Cellular Telephones and Wireless Modems
s
Battery Chargers
s
Distributed Power
, LTC and LT are registered trademarks of Linear Technology Corporation.
No RSENSE and Burst Mode are trademarks of Linear Technology Corporation.


Similar Part No. - LTC1625IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1625 LINER-LTC1625 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC1625 LINER-LTC1625 Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1625IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1775 LINER-LTC1775 Datasheet
289Kb / 24P
High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
logo
Maxim Integrated Produc...
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
logo
Linear Technology
LTC1775 LINER-LTC1775_15 Datasheet
305Kb / 24P
High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com