Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1625IGN
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1625IGN Datasheet HTML 7Page - Linear Technology LTC1625IGN Datasheet HTML 8Page - Linear Technology LTC1625IGN Datasheet HTML 9Page - Linear Technology LTC1625IGN Datasheet HTML 10Page - Linear Technology LTC1625IGN Datasheet HTML 11Page - Linear Technology LTC1625IGN Datasheet HTML 12Page - Linear Technology LTC1625IGN Datasheet HTML 13Page - Linear Technology LTC1625IGN Datasheet HTML 14Page - Linear Technology LTC1625IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1625
APPLICATIONS INFORMATION
The corresponding average current depends on the amount
of ripple current. Lower inductor values (higher
∆IL) will
reduce the load current at which Burst Mode operation
begins.
The output voltage ripple can increase during Burst Mode
operation if
∆IL is substantially less than IBURST. This will
primarily occur when the duty cycle is very close to unity
(VIN is close to VOUT) or if very large value inductors are
chosen. This is generally only a concern in applications
with VOUT ≥ 5V. At high duty cycles, a skipped cycle
causes the inductor current to quickly descend to zero.
However, it takes multiple cycles to ramp the current back
up to IBURST(PEAK). During this interval, the output capaci-
tor must supply the load current and enough charge may
be lost to cause significant droop in the output voltage. It
is a good idea to keep
∆IL comparable to IBURST(PEAK).
Otherwise, one might need to increase the output capaci-
tance in order to reduce the voltage ripple or else disable
Burst Mode operation by forcing continuous operation
with the FCB pin.
Fault Conditions: Current Limit and Output Shorts
The LTC1625 current comparator can accommodate a
maximum sense voltage of 150mV. This voltage and the
sense resistance determine the maximum allowed peak
inductor current. The corresponding output current limit
is:
I
mV
R
I
LIMIT
DS ON
T
L
=()( )
150
1
2
()
–
ρ
∆
The current limit value should be checked to ensure that
ILIMIT(MIN) > IO(MAX). The minimum value of current limit
generally occurs with the largest VIN at the highest ambi-
ent temperature, conditions which cause the highest power
dissipation in the top MOSFET. Note that it is important to
check for self-consistency between the assumed junction
temperature of the top MOSFET and the resulting value of
ILIMIT which heats the junction.
Caution should be used when setting the current limit
based upon RDS(ON) of the MOSFETs. The maximum
current limit is determined by the minimum MOSFET on-
resistance. Data sheets typically specify nominal and
maximum values for RDS(ON), but not a minimum. A
reasonable, but perhaps overly conservative, assumption
is that the minimum RDS(ON) lies the same amount below
the typical value as the maximum RDS(ON) lies above it.
Consult the MOSFET manufacturer for further guidelines.
The LTC1625 includes current foldback to help further
limit load current when the output is shorted to ground. If
the output falls by more than half, then the maximum
sense voltage is progressively lowered from 150mV to
30mV. Under short-circuit conditions with very low duty
cycle, the LTC1625 will begin skipping cycles in order to
limit the short-circuit current. In this situation the bottom
MOSFET RDS(ON) will control the inductor current trough
rather than the top MOSFET controlling the inductor
current peak. The short-circuit ripple current is deter-
mined by the minimum on-time tON(MIN) of the LTC1625
(approximately 0.5
µs), the input voltage, and inductor
value:
∆IL(SC) = tON(MIN) VIN/L.
The resulting short-circuit current is:
I
mV
R
I
SC
DS ON BOT
T
LSC
= ()( )+
30
1
2
()(
)
()
ρ
∆
Normally, the top and bottom MOSFETs will be of the same
type. A bottom MOSFET with lower RDS(ON) than the top
may be chosen if the resulting increase in short-circuit
current is tolerable. However, the bottom MOSFET should
never be chosen to have a higher nominal RDS(ON) than the
top MOSFET.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool M
µ® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
the inductance selected. As inductance increases, core
losses go down. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Kool M
µ is a registered trademark of Magnetics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com