Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1625IGN
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1625IGN Datasheet HTML 6Page - Linear Technology LTC1625IGN Datasheet HTML 7Page - Linear Technology LTC1625IGN Datasheet HTML 8Page - Linear Technology LTC1625IGN Datasheet HTML 9Page - Linear Technology LTC1625IGN Datasheet HTML 10Page - Linear Technology LTC1625IGN Datasheet HTML 11Page - Linear Technology LTC1625IGN Datasheet HTML 12Page - Linear Technology LTC1625IGN Datasheet HTML 13Page - Linear Technology LTC1625IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1625
APPLICATIONS INFORMATION
Top Duty Cycle
V
V
Bottom Duty Cycle
VV
V
OUT
IN
IN
OUT
IN
=
=
–
The MOSFET power dissipations at maximum output
current are:
P
V
V
IR
kV
I
C
f
P
VV
V
IR
TOP
OUT
IN
O MAX
T TOP
DS ON
IN
O MAX
RSS
BOT
IN
OUT
IN
O MAX
T BOT
DS ON
=


+
=


()(
)(
)
()(
)(
)(
)( )
–
()(
)(
)
()
(
)
(
)
()
()
(
)
(
)
2
2
2
ρ
ρ
Both MOSFETs have I2R losses and the PTOP equation
includes an additional term for transition losses, which are
largest at high input voltages. The constant k = 1.7 can be
used to estimate the amount of transition loss. The bottom
MOSFET losses are greatest at high input voltage or during
a short circuit when the duty cycle is nearly 100%.
Operating Frequency and Synchronization
The choice of operating frequency and inductor value is a
trade-off between efficiency and component size. Low
frequency operation improves efficiency by reducing
MOSFET switching losses, both gate charge loss and
transition loss. However, lower frequency operation
requires more inductance for a given amount of ripple
current.
The internal oscillator runs at a nominal 150kHz frequency
when the SYNC pin is left open or connected to ground.
Pulling the SYNC pin above 1.2V will increase the fre-
quency by 50%. The oscillator will injection lock to a clock
signal applied to the SYNC pin with a frequency between
165kHz and 200kHz. The clock high level must exceed
1.2V for at least 1
µs and no longer than 4µs as shown in
Figure 4. The top MOSFET turn-on will synchronize with
the rising edge of the clock.
0
±
1
µs4µs
1625 F04
7V
1.2V
Figure 4. SYNC Clock Waveform
Inductor Value Selection
Given the desired input and output voltages, the inductor
value and operating frequency directly determine the
ripple current:
∆I
V
fL
V
V
L
OUT
OUT
IN
=




()( )
–
1
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Thus, highest efficiency operation is obtained at
low frequency with small ripple current. To achieve this,
however, requires a large inductor.
A reasonable starting point is to choose a ripple current
that is about 40% of IO(MAX). Note that the largest ripple
current occurs at the highest VIN. To guarantee that ripple
current does not exceed a specified maximum, the induc-
tor should be chosen according to:
L
V
fI
V
V
OUT
L MAX
OUT
IN MAX
≥
()(
)
–
()
()
∆
1
Burst Mode Operation Considerations
The choice of RDS(ON) and inductor value also determines
the load current at which the LTC1625 enters Burst Mode
operation. When bursting, the controller clamps the peak
inductor current to approximately:
I
mV
R
BURST PEAK
DS ON
()
()
=
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com