Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1625IGN
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1625IGN Datasheet HTML 15Page - Linear Technology LTC1625IGN Datasheet HTML 16Page - Linear Technology LTC1625IGN Datasheet HTML 17Page - Linear Technology LTC1625IGN Datasheet HTML 18Page - Linear Technology LTC1625IGN Datasheet HTML 19Page - Linear Technology LTC1625IGN Datasheet HTML 20Page - Linear Technology LTC1625IGN Datasheet HTML 21Page - Linear Technology LTC1625IGN Datasheet HTML 22Page - Linear Technology LTC1625IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1625
APPLICATIONS INFORMATION
+
+
CSS
OPTIONAL 5V EXTVCC
CONNECTION
M1
M2
D1
CVCC
BOLD LINES INDICATE HIGH CURRENT PATHS
1625 F10
CIN
COUT
VIN
VOUT
OPEN
OPEN
EXT
CLK
R1
OUTPUT DIVIDER
REQUIRED
WITH VPROG OPEN
R2
CC1
RC
CB
DB
L1
+
+
–
–
VIN
TK
EXTVCC
LTC1625
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
2
1
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 10. LTC1625 Layout Diagram
TYPICAL APPLICATIONS
+
CSS
0.1
µF
RC
10k
CC
330pF
CIN
15
µF
35V
VIN
5V TO 28V
VOUT
5V
1.2A
M2
1/2 Si9936DY
M1
1/2 Si9936DY
CVCC
4.7
µF
1625 TA02
OPEN
INTVCC
CB
0.1
µF
DB
CMDSH-3
L1
39
µH
CIN: AVX TPSD156M035R0300
COUT: AVX TPSD107M010R0100
L1: SUMIDA CD104-390MC
+
COUT
100
µF
10V
0.100
Ω
+
VIN
TK
EXTVCC
LTC1625
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
5V/1.2A Fixed Output at 225kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com