Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1625IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1625IGN
Description  No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1625IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1625IGN Datasheet HTML 16Page - Linear Technology LTC1625IGN Datasheet HTML 17Page - Linear Technology LTC1625IGN Datasheet HTML 18Page - Linear Technology LTC1625IGN Datasheet HTML 19Page - Linear Technology LTC1625IGN Datasheet HTML 20Page - Linear Technology LTC1625IGN Datasheet HTML 21Page - Linear Technology LTC1625IGN Datasheet HTML 22Page - Linear Technology LTC1625IGN Datasheet HTML 23Page - Linear Technology LTC1625IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1625
©LINEAR TECHNOLOGY CORPORATION 1998
1625f LT/TP 1298 4K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1435A
High Efficiency Synchronous Step-Down Controller
Optimized for Low Duty Cycle Battery to CPU Power Applications
LTC1436A-PLL
High Efficiency Low Noise Synchronous Step-Down Controller
PLL Synchronization and Auxiliary Linear Regulator
LTC1438
Dual High Efficiency Step-Down Controller
Power-On Reset and Low-Battery Comparator
LTC1530
High Power Synchronous Step-Down Controller
SO-8 with Current Limit, No RSENSE Saves Space, Fixed
Frequency Ideal for 5V to 3.3V
LTC1538-AUX
Dual High Efficiency Step-Down Controller
5V Standby Output and Auxiliary Linear Regulator
LTC1649
3.3V Input High Power Step-Down Controller
2.7V to 5V Input, 90% Efficiency, Ideal for 3.3V to 1.xV – 2.xV
Up to 20A
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
3.3V/1.8A Fixed Output
+
CIN: AVX TPSD156M035R0300
COUT: AVX TPSD107M010R0100
L1: SUMIDA CDRH125-270MC
CSS
0.1
µF
RC
10k
CC1
1nF
CC2
100pF
CIN
15
µF
35V
×2
VIN
5V TO 28V
VOUT
3.3V
1.8A
M2
1/2 Si4936DY
D1
MBRS140T3
M1
1/2 Si4936DY
CVCC
4.7
µF
1625 TA07
OPEN
CB
0.1
µF
DB
CMDSH-3
L1
27
µH
+
COUT
100
µF
10V
0.1
Ω
×2
+
VIN
TK
EXTVCC
LTC1625
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com