Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1647-3IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1647-3IGN
Description  Dual Hot Swap Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-3IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1647-3IGN Datasheet HTML 9Page - Linear Technology LTC1647-3IGN Datasheet HTML 10Page - Linear Technology LTC1647-3IGN Datasheet HTML 11Page - Linear Technology LTC1647-3IGN Datasheet HTML 12Page - Linear Technology LTC1647-3IGN Datasheet HTML 13Page - Linear Technology LTC1647-3IGN Datasheet HTML 14Page - Linear Technology LTC1647-3IGN Datasheet HTML 15Page - Linear Technology LTC1647-3IGN Datasheet HTML 16Page - Linear Technology LTC1647-3IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC1647-1/LTC1647-2/LTC1647-3
13
If a dead short occurs after a supply connection is made
(Figure 12), the sense resistor R1 and the RDS(ON) of fully
enhanced Q1 provide a low impedance path for nearly
unlimited current flow. The LTC1647 discharges the GATE
pin in a few microseconds, but during this discharge time
current on the order of 150 amperes flows from the VCC
power supply. This current spike glitches the power sup-
ply, causing VCC to dip (Figure 12a and 12b).
On recovery from overload, some supplies may over-
shoot. Other devices attached to this supply may reset or
malfunction and the overshoot may also damage some
components. An inductor (1
µH to 10µH) in series with
Q1’s source limits the short-circuit di/dt, thereby limiting
the peak current and the supply glitch (Figure 12c and
12d). Additional power supply bypass capacitance also
reduces the magnitude of the VCC glitch.
VID Power Controller
The two Hot Swap channels of the LTC1647 are ideally
suited for VID power control in portable computers.
Figure 13 shows an application using the LTC1647-2 on
the system side of the device bay interface (1394 PHY and/
or USB). The controller detects the presence of a periph-
eral in each device bay and controls the LTC1647-2. The
timing waveform illustrates the following sequence of
events: t1, rising out of undervoltage lockout with GATE 1
ramping up; t2, load current fault at R1; t3, circuit breaker
resets with R5/C3 delay; t4/t5, controller gates off/on
device supply with RC delay; t6, device enters undervolt-
age lockout.
If C6 is not connected in Figure 13, FAULT 2 and ON2 will
have similar waveforms. t7 initiates an ON sequence; t8, a
load fault is detected at R7 with FAULT 2 pulling low. If the
controller wants to stretch the interval between retries, it
can pull ON2 low at t9 ( t9 – t8 < 0.4•tRESET). At t10/t11, the
controller initiates a new power-up/down sequence.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com