Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1647-3IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1647-3IGN
Description  Dual Hot Swap Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-3IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1647-3IGN Datasheet HTML 12Page - Linear Technology LTC1647-3IGN Datasheet HTML 13Page - Linear Technology LTC1647-3IGN Datasheet HTML 14Page - Linear Technology LTC1647-3IGN Datasheet HTML 15Page - Linear Technology LTC1647-3IGN Datasheet HTML 16Page - Linear Technology LTC1647-3IGN Datasheet HTML 17Page - Linear Technology LTC1647-3IGN Datasheet HTML 18Page - Linear Technology LTC1647-3IGN Datasheet HTML 19Page - Linear Technology LTC1647-3IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC1647-1/LTC1647-2/LTC1647-3
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1999
1647f LT/TP 0100 4K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
2-Channel Hot Swap Controller
24-Pin, Operates from 3V to 12V and Supports –12V
LTC1422
Hot Swap Controller in SO-8
System Reset Output with Programmable Delay
LT1640L/LT1640H
Negative Voltage Hot Swap Controller in SO-8
Operates from –10V to –80V
LT1641
High Voltage Hot Swap Controller in SO-8
Operates from 9V to 80V
LT1642
Fault Protected Hot Swap Controller
Operates Up to 16.5V, Protected to 33V
LTC1643L/LTC1643H
PCI-Bus Hot Swap Controller
3.3V, 5V and
±12V in Narrow 16-Pin SSOP
LT1645
2-Channel Hot Swap Controller
Operates from 1.2V to 12V, Power Sequencing
Hot Swapping Two Supplies
Two separate supplies can be independently controlled by
using the LTC1647-3. In some applications, sequencing
between the two power supplies is a requirement. For
example, it may be necessary to ramp-up one supply first
before allowing the second supply to power-up, as well as
requiring that this same supply ramp-down last on power-
down. Figure 14’s circuit illustrates how to program the
delays between the two pass transistors using the ON1
and ON2 pins (time events t1 to t4). t5 and t7 show both
channels being switched on simultaneously where se-
quencing is not crucial.
Some applications require that both channels be gated off
if a fault occurs in one channel. This is accomplished in
Figure 14 by using a crisscross FAULT-to-SENSE arrange-
ment of R3/R4 and R7/R8. t6 and t9 illustrate the circuit’s
operation.
Figure 14. Hot Swapping Two Supplies
SENSE 1
15
13
FAULT 2
5V SUPPLY
VOUT1
(5A)
FAULT
GND
ON2
ON1
5
ON2
4
FAULT 1
3
ON1
2
GND
8
GATE 1
LTC1647-3
C1
10nF
R2
10
Ω
R1
0.01
Ω
Q1
IRF7413
R3
100
Ω
CLOAD
+
VCC1
SENSE 2
GATE 2
VCC2
1
14
12
16
R8
100
Ω
12V SUPPLY
VOUT2
(2.5A)
CLOAD
+
R5
10k
R6
10k
R4
4.7k
R7
12k
C3
10nF
Q2
IRF7413
R9
10
Ω
R10
0.02
Ω
VR1
VR10
VON1
VON2
VOUT1
VOUT2
t6
t9
1647-1/2/3 F14
t3
t2
t1
t4
t5
t7
t8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com