Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1647-3IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1647-3IGN
Description  Dual Hot Swap Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-3IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1647-3IGN Datasheet HTML 1Page - Linear Technology LTC1647-3IGN Datasheet HTML 2Page - Linear Technology LTC1647-3IGN Datasheet HTML 3Page - Linear Technology LTC1647-3IGN Datasheet HTML 4Page - Linear Technology LTC1647-3IGN Datasheet HTML 5Page - Linear Technology LTC1647-3IGN Datasheet HTML 6Page - Linear Technology LTC1647-3IGN Datasheet HTML 7Page - Linear Technology LTC1647-3IGN Datasheet HTML 8Page - Linear Technology LTC1647-3IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC1647-1/LTC1647-2/LTC1647-3
1
, LTC and LT are registered trademarks of Linear Technology Corporation.
Dual Hot Swap Controllers
The LTC
®1647-1/LTC1647-2/LTC1647-3 are dual Hot
Swap
TM controllers that permit a board to be safely in-
serted and removed from a live backplane.
Using external N-channel MOSFETs, the board supply
voltages can be ramped up at a programmable rate. A high
side switch driver controls the MOSFET gates for supply
voltages ranging from 2.7V to 16.5V. A programmable
electronic circuit breaker protects against overloads and
shorts. The ON pins are used to control board power or
clear a fault.
The LTC1647-1 is a dual Hot Swap controller with a
common VCC pin, separate ON pins and is available in an
SO-8 package. The LTC1647-2 is similar to the LTC1647-1
but combines a fault status flag with automatic retry at the
ON pins and is also available in the SO-8 package. The
LTC1647-3 has individual VCC pins, ON pins and FAULT
status pins for each channel and is available in a 16-lead
narrow SSOP package.
s
Hot Board Insertion
s
Electronic Circuit Breaker
s
Portable Computer Device Bays
s
Hot Plug Disk Drive
s
Allows Safe Board Insertion and Removal from a
Live Backplane
s
Programmable Electronic Circuit Breaker
s
FAULT Output Indication
s
Programmable Supply Voltage Power-Up Rate
s
High Side Drive for External MOSFET Switches
s
Controls Supply Voltages from 2.7V to 16.5V
s
Undervoltage Lockout
VID Controller for Two Device Bays
Hot Swap is a trademark of Linear Technology Corporation.
VCC
SENSE 1
1
86
ON1
C3
4.7nF
2
ON2
ON1
3.3V VID
SUPPLY
ON2
3
GND
4
GATE 1
SENSE 2
75
GATE 2
LTC1647-1
1394 PHY
AND/OR
USB PORT
DEVICE #1
C1
4.7nF
R2
10
Ω
R1
0.1
Ω
Q1
1/2 MMDF3N02HD
R5
0.1
Ω
Q2
1/2 MMDF3N02HD
R3**
R4**
CLOAD*
*CLOAD IS USER-SELECTED BASED
ON THE DEVICE REQUIREMENTS
** R3, R4, R7 AND R8 ARE OPTIONAL DISCHARGE
RESISTORS WHEN DEVICES ARE POWERED-OFF
Q1, Q2: ON SEMICONDUCTOR
R6
10
Ω
+
1394 PHY
AND/OR
USB PORT
DEVICE #2
1647-1/2/3 TA01
R7**
R8**
CLOAD*
+
5ms/DIV
1647-1/2/3 TA01a
VON
VGATE
VOUT
ON/OFF Sequence
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LTC1647-3IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-3 LINER-LTC1647-3 Datasheet
278Kb / 24P
Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC1647-3 LINER-LTC1647-3 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
More results

Similar Description - LTC1647-3IGN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5915 MAXIM-MAX5915 Datasheet
657Kb / 25P
Dual PCI 2.2 Hot-Swap Controllers
19-2420; Rev 0; 4/02
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
Single Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
Negative Voltage Hot Swap Controllers
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
Single Channel Hot Swap Controllers
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com