Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1647-3IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1647-3IGN
Description  Dual Hot Swap Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-3IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1647-3IGN Datasheet HTML 12Page - Linear Technology LTC1647-3IGN Datasheet HTML 13Page - Linear Technology LTC1647-3IGN Datasheet HTML 14Page - Linear Technology LTC1647-3IGN Datasheet HTML 15Page - Linear Technology LTC1647-3IGN Datasheet HTML 16Page - Linear Technology LTC1647-3IGN Datasheet HTML 17Page - Linear Technology LTC1647-3IGN Datasheet HTML 18Page - Linear Technology LTC1647-3IGN Datasheet HTML 19Page - Linear Technology LTC1647-3IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC1647-1/LTC1647-2/LTC1647-3
18
APPLICATIO S I FOR ATIO
Figure 13. VID Power Controller with Fault Status and Retry Sequence
VCC
SENSE 1
1
86
ON1/FAULT 1
C4
10nF
2
ON2/FAULT 2
3.3V VID
SUPPLY
3
GND
4
GATE 1
SENSE 2
75
GATE 2
LTC1647-2
1394 PHY
AND/OR
USB PORT
DEVICE #1
C1
10nF
R2
10
Ω
R1
0.1
Ω
Q1
1/2 MMDF3N02HD
R7
0.1
Ω
Q2
1/2 MMDF3N02HD
R5
10
Ω
R3**
R4**
CLOAD*
*CLOAD IS USER-SELECTED BASED
ON THE DEVICE REQUIREMENTS
** R3, R4, R7 AND R8 ARE OPTIONAL DISCHARGE
RESISTORS WHEN DEVICES ARE POWERED-OFF
Q1, Q2: ON SEMICONDUCTOR
R8
10
Ω
+
1394 PHY
AND/OR
USB PORT
DEVICE #2
R9**
R10**
CLOAD*
+
C3
0.1
µF
R6
10
Ω
C6
0.1
µF
ON1
FAULT 1
ON2
FAULT 2
DEVICE BAY
CONTROLLER
WITH 1394 PHY
AND/OR USB
VID
VON1
VR1
VGATE1
VFAULT1
VON2
VR7
VGATE2
VFAULT2
VLKO
VIH
VIH
VLKO – VLKH
VIL
FAULT 1 WAVEFORM SHOWN WITH C3
FAULT 2 WAVEFORM SHOWN WITHOUT C6
t4
t5
t1
t7
t8
1647-1/2/3 F13
t2
t9
t10
t11
t3
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com