Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1647-3IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1647-3IGN
Description  Dual Hot Swap Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-3IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1647-3IGN Datasheet HTML 2Page - Linear Technology LTC1647-3IGN Datasheet HTML 3Page - Linear Technology LTC1647-3IGN Datasheet HTML 4Page - Linear Technology LTC1647-3IGN Datasheet HTML 5Page - Linear Technology LTC1647-3IGN Datasheet HTML 6Page - Linear Technology LTC1647-3IGN Datasheet HTML 7Page - Linear Technology LTC1647-3IGN Datasheet HTML 8Page - Linear Technology LTC1647-3IGN Datasheet HTML 9Page - Linear Technology LTC1647-3IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC1647-1/LTC1647-2/LTC1647-3
6
Undervoltage Lockout Threshold
vs Temperature
ON Threshold Voltage vs VCC
ON Threshold Voltage vs
Temperature
FAULT VOL vs VCC
FAULT VOL vs Temperature
TFAULT vs VCC
TFAULT vs Temperature
Circuit Breaker Reset Time vs VCC
Circuit Breaker Reset Time vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
1647-1/2/3 G19
2.6
2.5
2.4
2.3
2.2
2.1
–75 –50 –25
0
25
50
75 100 125 150
RISING EDGE
FALLING EDGE
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G20
1.35
1.30
1.25
1.20
1.15
TA = 25°C
HIGH
LOW
TEMPERATURE (
°C)
1647-1/2/3 G21
1.35
1.30
1.25
1.20
1.15
–75 –50 –25
0
25
50
75 100 125 150
VCC = 5V
HIGH
LOW
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G22
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TA = 25°C
IOL = 5mA
IOL = 1mA
TEMPERATURE (
°C)
1647-1/2/3 G23
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VCC = 5V
IOL = 5mA
IOL = 1mA
–75 –50 –25
0
25
50
75 100 125 150
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G24
1.0
0.8
0.6
0.4
0.2
0
TA = 25°C
TEMPERATURE (
°C)
1647-1/2/3 G25
1.0
0.8
0.6
0.4
0.2
0
–75 –50 –25
0
25
50
75 100 125 150
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G26
70
60
50
40
30
TA = 25°C
TEMPERATURE (
°C)
1647-1/2/3 G27
60
58
56
54
52
50
48
46
44
42
40
–75 –50 –25
0
25
50
75 100 125 150
VCC = 3V
VCC = 5V
VCC = 12V
VCC = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com