Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1647-3IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1647-3IGN
Description  Dual Hot Swap Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-3IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1647-3IGN Datasheet HTML 12Page - Linear Technology LTC1647-3IGN Datasheet HTML 13Page - Linear Technology LTC1647-3IGN Datasheet HTML 14Page - Linear Technology LTC1647-3IGN Datasheet HTML 15Page - Linear Technology LTC1647-3IGN Datasheet HTML 16Page - Linear Technology LTC1647-3IGN Datasheet HTML 17Page - Linear Technology LTC1647-3IGN Datasheet HTML 18Page - Linear Technology LTC1647-3IGN Datasheet HTML 19Page - Linear Technology LTC1647-3IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC1647-1/LTC1647-2/LTC1647-3
16
Figure 10. Transient Suppressor Clamp
Figure 11. Snubber “Fixes”
APPLICATIO S I FOR ATIO
VOUT
C1
10nF
1647-1/2/3 F10
R2
10
Ω
D1*
ON SEMICONDUCTOR
* 1SMA12CAT3
R1
0.01
Ω
12V
Q1
IRF7413
CLOAD
+
+
–
LTC1647
POWER
LEADS
1
µs/DIV
1647-1/2/3 F10a
0V
12V
VOUT
C1
10nF
1647-1/2/3 F11
R2
10
Ω
R1
0.01
Ω
12V
Q1
IRF7413
CLOAD
+
+
–
LTC1647
POWER
LEADS
R3
10
Ω
C1
0.1
µF
1
µs/DIV
1647-1/2/3 F11a
0V
12V
1
µs/DIV
1647-1/2/3 F11b
0V
12V
VCC Waveform Clamped
by a Transient Suppressor
(a) VCC Waveform Damped
by a Snubber (15
Ω, 6.8nF)
(b) VCC Waveform Damped
by a Snubber (10
Ω, 0.1µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com