Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1689CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1689CS
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1689CS Datasheet HTML 4Page - Linear Technology LTC1689CS Datasheet HTML 5Page - Linear Technology LTC1689CS Datasheet HTML 6Page - Linear Technology LTC1689CS Datasheet HTML 7Page - Linear Technology LTC1689CS Datasheet HTML 8Page - Linear Technology LTC1689CS Datasheet HTML 9Page - Linear Technology LTC1689CS Datasheet HTML 10Page - Linear Technology LTC1689CS Datasheet HTML 11Page - Linear Technology LTC1689CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1688/LTC1689
Cable Termination
The recommended cable termination for use with the
LTC1688/LTC1689 is a single resistor across the two ends
of a transmission cable (see Figure 8). When PC traces are
used as the transmission line, its characteristic imped-
ance should be chosen close to 100
Ω in order to better
match the specified timing characteristics of the LTC1688/
LTC1689. Category 5 unshielded twisted pair can be used
over short distances at the maximum data rates (100Mbps).
For point-to-point configurations (see Figure 9), a single
resistor across the cable at the receiver end is sufficient.
A single resistor termination lowers power consumption
and increases the differential output signal. See Enable
Pins section for cable terminations with a DC bias.
APPLICATIONS INFORMATION
Enable Pins
For cable terminations with a DC bias (such as High
Voltage Differential SCSI, see Figure 10), the driver out-
puts must be disabled for at least 200ns after power-up.
This ensures that the driver outputs do not disturb the
cable upon power-up. It also ensures the correct output
start-up conditions. When there is an output short fault
condition and the cable has a DC biased termination, such
as Figure 10, the driver outputs must be disabled for at
least 200ns after the short has been removed. Recall that
for transmission lines that have the recommended RS485
single resistor termination (Figures 8 and 9), the LTC1688/
LTC1689 will come out of a short-circuit fault condition
automatically without having to disable the outputs.
1688/89 F10
1/4 LTC1518
150
Ω
330
Ω
DE
DI
330
Ω
1/4 LTC1688
TERM POWER
150
Ω
330
Ω
330
Ω
TERM POWER
1/4 LTC1518
Figure 10. DC-Biased Termination
(Recommended for SCSI Applications Only)
Figure 8. Multipoint Transmission
Figure 9. Point-to-Point Transmission
1688/89 F08
1/4 LTC1518
1/4 LTC1519
100
Ω
100
Ω
1/4 LTC1688
1688/89 F09
1/4 LTC1518
100
Ω
1/4 LTC1689



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com