Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1689CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1689CS
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1689CS Datasheet HTML 1Page - Linear Technology LTC1689CS Datasheet HTML 2Page - Linear Technology LTC1689CS Datasheet HTML 3Page - Linear Technology LTC1689CS Datasheet HTML 4Page - Linear Technology LTC1689CS Datasheet HTML 5Page - Linear Technology LTC1689CS Datasheet HTML 6Page - Linear Technology LTC1689CS Datasheet HTML 7Page - Linear Technology LTC1689CS Datasheet HTML 8Page - Linear Technology LTC1689CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1688/LTC1689
100Mbps RS485
Hot Swapable Quad Drivers
s
Ultrahigh Speed:
100Mbps
s
Guaranteed Propagation Delay: 8ns
±4ns
Over Temperature
s
50Mbps Operation with VDD = 3V
s
Low Channel-to-Channel Skew: 500ps Typ
s
Low tPLH/tPHL Skew: 500ps Typ
s
Hot Swap
TM Capable
s
Driver Outputs Maintain High Impedance in
Three-State or with Power Off
s
Short-Circuit Protected: 3mA Typ Output Current
for an Indefinite Short
s
Thermal Shutdown Protected
s
Single 5V or 3V Supply
s
Pin Compatible with LTC486/LTC487
The LTC
®1688/LTC1689 are ultrahigh speed, differential
bus/line drivers that can operate at data rates up to
100Mbps. Propagation delay is guaranteed at 8ns
±4ns
over the full operating temperature range. These devices
operate over the full RS485 common mode range (– 7V
to 12V), and also meet RS422 requirements.
The driver outputs are Hot Swap capable, maintaining
backplane data integrity during board insertion and
removal. The drivers feature three-state outputs, maintain-
ing high impedance over the entire common mode range
(– 7V to 12V). Outputs also remain high impedance during
power-up and with the power off. A short-circuit feature
detects bus contention and substantially reduces driver
output current. Thermal shutdown circuitry protects the
parts from excessive power dissipation.
The LTC1688 allows all four drivers to be enabled together,
while the LTC1689 allows two drivers at a time to be
enabled.
The LTC1688/LTC1689 operate from a single 5V or 3V
supply and draw only 9mA of supply current.
s
High Speed RS485 Twisted-Pair Drivers
s
High Speed Backplane Drivers
s
Complementary Clock Drivers
s
STS-1/OC-1 Data Drivers
s
SCSI Drivers
Hot Swap is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
20ns Pulse Across 100 Feet
of Category 5 UTP
20ns/DIV
2V/DIV
2V/DIV
2V/DIV
5V/DIV
1688/89 TA02
DRIVER INPUT
DRIVER OUTPUTS
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
1688/89 TA01
RECEIVER
1/4 LTC1688
100
Ω
100
Ω
1/4 LTC1518
100 FT CATEGORY 5 UTP
DRIVER
50Mbps RS485 Data Connection
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1689CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1689 LINER-LTC1689 Datasheet
229Kb / 12P
100Mbps RS485 Hot Swapable Quad Drivers
LTC1689 LINER-LTC1689_15 Datasheet
229Kb / 12P
100Mbps RS485 Hot Swapable Quad Drivers
More results

Similar Description - LTC1689CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC488 LINER-LTC488 Datasheet
228Kb / 12P
Quad RS485 Line Receiver
LTC487 LINER-LTC487_05 Datasheet
113Kb / 8P
Quad Low Power RS485 Driver
logo
Linear Dimensions Semic...
LTC1688IS LINEAR_DIMENSIONS-LTC1688IS Datasheet
229Kb / 12P
100Mbps RS485 Hot Swapable Quad Drivers
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
Quad RS485 Line Receiver
LTC489CSW LINER-LTC489CSW Datasheet
117Kb / 12P
Quad RS485 Line Receiver
LTC488CN LINER-LTC488CN Datasheet
142Kb / 12P
Quad RS485 Line Receiver
LTC488 LINER-LTC488_15 Datasheet
137Kb / 12P
Quad RS485 Line Receiver
LTC489 LINER-LTC489_15 Datasheet
137Kb / 12P
Quad RS485 Line Receiver
LTC1688 LINER-LTC1688_15 Datasheet
229Kb / 12P
100Mbps RS485 Hot Swapable Quad Drivers
LTC1689 LINER-LTC1689_15 Datasheet
229Kb / 12P
100Mbps RS485 Hot Swapable Quad Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com