Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1689CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1689CS
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1689CS Datasheet HTML 4Page - Linear Technology LTC1689CS Datasheet HTML 5Page - Linear Technology LTC1689CS Datasheet HTML 6Page - Linear Technology LTC1689CS Datasheet HTML 7Page - Linear Technology LTC1689CS Datasheet HTML 8Page - Linear Technology LTC1689CS Datasheet HTML 9Page - Linear Technology LTC1689CS Datasheet HTML 10Page - Linear Technology LTC1689CS Datasheet HTML 11Page - Linear Technology LTC1689CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1688/LTC1689
©LINEAR TECHNOLOGY CORPORATION 1999
16889f LT/TP 1099 4K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC486/LTC487
Low Power Quad RS485 Drivers
110
µA Typ Supply Current, 10Mbps, –7V to 12V Common Mode Range
LT
®1394
7ns UltraFast Single Supply Comparator
6mA Typ Supply Current, Ground Sensing on Single Supply
LTC1518/LTC1519
High Speed, Precision Quad RS485 Receivers
52Mbps, Pin Compatible with LTC488/LTC489
LTC1520
High Speed, Precision Quad Differential Line Receiver
Single Supply, 18ns Propagation Delay, 100mV Threshold
LTC1685
High Speed, Precision RS485 Transceiver
52Mbps, Pin Compatible with LTC485
LTC1686/LTC1687
High Speed, Precision RS485 Full-Duplex Transceivers
52Mbps, Pin Compatible with LTC490/LTC491
LT1720
Dual 4.5ns UltraFast Single Supply Comparator
4mA per Comparator, Optimized for 3V or 5V Operation
RELATED PARTS
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
S16 1098
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com