Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1689CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1689CS
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1689CS Datasheet HTML 4Page - Linear Technology LTC1689CS Datasheet HTML 5Page - Linear Technology LTC1689CS Datasheet HTML 6Page - Linear Technology LTC1689CS Datasheet HTML 7Page - Linear Technology LTC1689CS Datasheet HTML 8Page - Linear Technology LTC1689CS Datasheet HTML 9Page - Linear Technology LTC1689CS Datasheet HTML 10Page - Linear Technology LTC1689CS Datasheet HTML 11Page - Linear Technology LTC1689CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1688/LTC1689
APPLICATIONS INFORMATION
Layout Considerations
A ground plane is recommended when using high fre-
quency devices like the LTC1688/LTC1689. A 0.1
µF
ceramic bypass capacitor less than 0.25 inch away from
the VDD pin is also recommended. Special care should be
taken to route the differential outputs very symmetrically
in order to obtain the same parasitic capacitances and thus
maintain good propagation delay skew.
Parasitic capacitance from each input to its corresponding
outputs should also be minimized. Any excess capaci-
tance could result in slower operation or even instability.
Channel output pairs should be kept away from other
output pairs to avoid parasitic coupling.
Data Rate vs Cable Length
Cable length and quality limit the maximum data rate in a
twisted pair system. Category 5 unshielded twisted pair is
a good choice for high speed data transmission, as it
exhibits superior bandwidth over other cables of similar
cost.
Driver and receiver bandwidth affects the maximum data
rate only over distances of less than 100', even for the best
cables. The LTC1688/LTC1689 RS485 drivers and
LTC1518/LTC1519 52Mbps RS485 receivers are the fast-
est in the industry. The LTC1688/LTC1689 drivers can
reach speeds over 100Mbps, with a rise and fall time of
just 2ns. At speeds in excess of 52Mbps, the non-RS485
Lucent Technologies’ BRF2A receiver is recommended.
Detailed information on data rate vs cable length is pro-
vided by the cable manufacturer. They characterize their
cables for bit rate and 0% to 50% rise time vs cable length,
allowing a rapid comparison of various cable types.
The following oscilloscope waveforms illustrate how a
cable attenuates the signal and slows its rise time at
different lengths. Also shown are the driver input and
receiver output.
1688/89 F14
RECEIVER
1/4 LTC1688
1/4 LTC1689
100
Ω
100
Ω
CATEGORY 5 CABLE
UNDER TEST
DRIVER
Figure 14. Test Circuit for Cable Speed Evaluation
2
µs/DIV
1688/89 F15
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
Figure 15. 4000 Feet, 0.5Mbps, LTC1518 Receiver
2
µs/DIV
1688/89 F16
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
Figure 17. 1000 Feet, 2Mbps, LTC1518 Receiver
Figure 16. 4000 Feet, 1Mbps, LTC1518 Receiver
500ns/DIV
1688/89 F17
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com