Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1689CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1689CS
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1689CS Datasheet HTML 4Page - Linear Technology LTC1689CS Datasheet HTML 5Page - Linear Technology LTC1689CS Datasheet HTML 6Page - Linear Technology LTC1689CS Datasheet HTML 7Page - Linear Technology LTC1689CS Datasheet HTML 8Page - Linear Technology LTC1689CS Datasheet HTML 9Page - Linear Technology LTC1689CS Datasheet HTML 10Page - Linear Technology LTC1689CS Datasheet HTML 11Page - Linear Technology LTC1689CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1688/LTC1689
APPLICATIONS INFORMATION
High Speed Twisted-Pair Transmission
Data rates up to 100Mbps can be transmitted over short
distances using Category 5 UTP (unshielded twisted pair).
The cable distance will determine the maximum data rate.
Figures 11 and 12 show an 8ns pulse propagating over 25
feet of Category 5 UTP. Notice how the cable attenuates the
signal. Lucent Technologies’ BRF2A and BRS2A receivers
are recommended for these ultrahigh speed applications.
High Speed Backplane Transmission
The LTC1688/LTC1689 can be used in backplane point-to-
point and multipoint applications. At high data rates,
signals should be routed differentially and PC traces
should be terminated (see Figure 13). Note that the RS485
specification calls for characteristic impedances near 100
Ω;
therefore, PC trace transmission lines should be designed
with an impedance close to 100
Ω. If trace impedance is
much less than 100
Ω, and the trace is double terminated,
the part will experience excess heating. The propagation
delay could then fall outside the specified window. The
LT1720 dual UltraFast
TM comparator is a good choice for
high data rate backplane applications.
Figure 12. 100Mbps Differential Data Connection
Figure 11. 8ns Pulse Over 25 Feet Category 5 UTP
10ns/DIV
2V/DIV
2V/DIV
2V/DIV
5V/DIV
1688/89 F11
DRIVER INPUT
DRIVER OUTPUT
RECEIVER INPUT
RECEIVER OUTPUT
1688/89 F12
RECEIVER
1/4 LTC1688
100
Ω
100
Ω
+
–
25 FT CATEGORY 5 UTP
DRIVER
Figure 13. 100Mbps Backplane Transmission
BACKPLANE
RECEIVER
1/4 LTC1688
1/2 LT1720
100
Ω
1688/89 F13
DRIVER
TRANSMISSION LINE
UltraFast is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com