Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1689CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1689CS
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1689CS Datasheet HTML 4Page - Linear Technology LTC1689CS Datasheet HTML 5Page - Linear Technology LTC1689CS Datasheet HTML 6Page - Linear Technology LTC1689CS Datasheet HTML 7Page - Linear Technology LTC1689CS Datasheet HTML 8Page - Linear Technology LTC1689CS Datasheet HTML 9Page - Linear Technology LTC1689CS Datasheet HTML 10Page - Linear Technology LTC1689CS Datasheet HTML 11Page - Linear Technology LTC1689CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1688/LTC1689
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 19. 1000 Feet, 1Mbps, LTC1518 Receiver
Figure 18. 1000 Feet, 5Mbps, LTC1518 Receiver
APPLICATIONS INFORMATION
Figure 21. 200 Feet, 33Mbps, LTC1518 Receiver
Figure 20. 200 Feet, 20Mbps, LTC1518 Receiver
Figure 23. 25 Feet, 100Mbps, BRF2A Receiver
Figure 22. 100 Feet, 50Mbps, LTC1518 Receiver
500ns/DIV
1688/89 F18
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
1
µs/DIV
1688/89 F19
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
100ns/DIV
1688/89 F20
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
50ns/DIV
1688/89 F21
2V/DIV
DRIVER INPUT
RECEIVER
OUTPUT
CABLE DELAY
RECEIVER INPUT
50ns/DIV
1688/89 F22
2V/DIV
DRIVER INPUT
RECEIVER INPUT
RECEIVER OUTPUT
CABLE DELAY
10ns/DIV
1688/89 F23
2V/DIV
DRIVER INPUT
RECEIVER
OUTPUT
CABLE DELAY
RECEIVER INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com