Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1107KB2-R1 Datasheet(PDF) 15 Page - New Japan Radio

Part # NJG1107KB2-R1
Description  1.5/1.9GHz LNA GaAs MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-R1 Datasheet(HTML) 15 Page - New Japan Radio

Back Button NJG1107KB2-R1 Datasheet HTML 11Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 12Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 13Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 14Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 15Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 16Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 17Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 18Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 19Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
NJG1107KB2
- 15 -
nTYPICAL CHARACTERISTICS
Scattering Parameter Table
V
DD=2.7V, IDD=3mA, Zo=50Ω
S11
S21
S12
S22
Freq
(GHz)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
0.1
1.000
-3.130
2.094
176.987
0.012
-25.995
0.965
-1.855
0.2
0.986
-4.217
2.074
171.002
0.002
110.707
0.967
-1.782
0.3
0.986
-6.161
2.046
165.318
0.007
92.945
0.962
-3.088
0.4
0.972
-8.026
2.012
159.545
0.003
62.606
0.960
-3.801
0.5
0.965
-10.209
1.991
153.712
0.005 103.324
0.961
-5.113
0.6
0.957
-12.032
1.943
147.933
0.004
96.002
0.953
-6.159
0.7
0.943
-13.490
1.909
143.180
0.005
75.842
0.949
-7.623
0.8
0.929
-15.249
1.851
138.232
0.008
90.203
0.940
-9.144
0.9
0.910
-16.014
1.793
133.807
0.006
93.660
0.931
-9.943
1.0
0.903
-16.960
1.765
129.856
0.009
85.810
0.928
-10.876
1.1
0.894
-18.131
1.710
125.443
0.009
95.094
0.931
-12.170
1.2
0.879
-18.645
1.673
121.935
0.010
92.781
0.921
-13.089
1.3
0.864
-19.500
1.636
118.442
0.011
91.381
0.919
-14.156
1.4
0.852
-21.338
1.627
114.415
0.012 100.617
0.919
-14.843
1.5
0.843
-22.810
1.578
110.659
0.014
99.522
0.918
-16.259
1.6
0.826
-24.483
1.541
107.013
0.014
99.175
0.914
-17.088
1.7
0.818
-24.447
1.513
104.077
0.015 100.001
0.918
-18.228
1.8
0.810
-26.509
1.503
100.734
0.016 103.271
0.925
-19.508
1.9
0.801
-27.539
1.489
97.286
0.018 106.687
0.920
-20.507
2.0
0.794
-29.642
1.452
93.725
0.019 108.548
0.921
-21.024
2.1
0.783
-30.807
1.453
90.359
0.020 106.305
0.924
-22.491
2.2
0.782
-33.473
1.421
86.597
0.022 107.071
0.922
-24.160
2.3
0.770
-34.972
1.426
83.223
0.022 107.349
0.920
-25.779
2.4
0.772
-35.870
1.391
79.970
0.026 109.866
0.919
-27.462
2.5
0.760
-37.091
1.397
76.578
0.027
112.983
0.914
-29.724
2.6
0.761
-38.975
1.376
73.069
0.030 109.600
0.920
-32.086
2.7
0.757
-40.916
1.359
68.921
0.031 106.376
0.907
-35.211
2.8
0.756
-41.260
1.322
65.450
0.034 109.318
0.902
-38.255
2.9
0.757
-42.651
1.294
62.030
0.035 106.983
0.893
-41.787
3.0
0.752
-42.892
1.267
58.521
0.036 108.989
0.879
-45.326
Scattering Parameter
Measurement Circuit
1
6
5
4
3
2
S11
S22
Ref.
1000pF
Ref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com