Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1107KB2-R1 Datasheet(PDF) 16 Page - New Japan Radio

Part # NJG1107KB2-R1
Description  1.5/1.9GHz LNA GaAs MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-R1 Datasheet(HTML) 16 Page - New Japan Radio

Back Button NJG1107KB2-R1 Datasheet HTML 11Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 12Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 13Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 14Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 15Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 16Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 17Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 18Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 19Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
NJG1107KB2
- 16 -
nTYPICAL CHARACTERISTICS (1.5GHz Band, Low Gain Version)
Scattering Parameter Table
VDD=2.7V, IDD=3mA, Zo=50Ω
S11
S21
S12
S22
Freq
(GHz)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
0.1
1.011
-1.815
0.619
-137.421
0.006
150.071
0.998
-1.269
0.2
1.023
-4.177
1.049
-141.929
0.005
111.664
0.996
-3.638
0.3
1.027
-6.876
1.402
-152.156
0.004
72.732
0.999
-4.808
0.4
1.036
-10.171
1.681
-164.509
0.008
71.899
0.995
-6.754
0.5
1.029
-13.604
1.843
-176.486
0.006
80.582
0.993
-8.514
0.6
1.027
-17.041
1.967
172.550
0.006
96.630
0.982
-9.913
0.7
1.007
-20.090
1.997
162.037
0.010
79.136
0.983
-12.453
0.8
0.996
-22.496
1.994
153.204
0.009
78.039
0.976
-14.051
0.9
0.978
-25.098
1.967
144.936
0.009
80.635
0.967
-15.603
1.0
0.961
-27.178
1.925
137.106
0.008
73.136
0.967
-17.199
1.1
0.940
-28.800
1.857
131.070
0.010
71.678
0.961
-17.813
1.2
0.923
-30.761
1.825
124.735
0.012
76.438
0.954
-19.024
1.3
0.905
-32.462
1.785
118.431
0.011
77.174
0.948
-21.016
1.4
0.889
-33.815
1.719
113.194
0.010
78.254
0.946
-22.555
1.5
0.877
-34.976
1.679
107.647
0.014
83.456
0.947
-24.779
1.6
0.860
-36.777
1.610
102.741
0.014
73.747
0.947
-26.267
1.7
0.849
-37.774
1.568
98.621
0.014
80.053
0.942
-27.354
1.8
0.834
-39.260
1.534
94.075
0.015
85.009
0.938
-28.669
1.9
0.822
-40.858
1.490
89.890
0.015
83.753
0.939
-29.677
2.0
0.814
-42.312
1.464
85.613
0.017
88.727
0.939
-31.456
2.1
0.801
-43.887
1.435
81.588
0.017
92.695
0.938
-32.776
2.2
0.791
-45.820
1.393
77.520
0.021
98.708
0.939
-34.232
2.3
0.784
-47.584
1.365
73.663
0.019
95.532
0.936
-35.915
2.4
0.773
-49.825
1.332
69.756
0.021
93.049
0.937
-36.454
2.5
0.766
-51.948
1.311
66.211
0.024
93.358
0.940
-38.089
2.6
0.756
-54.101
1.285
62.518
0.025
97.398
0.942
-39.619
2.7
0.753
-56.479
1.260
58.997
0.028
99.809
0.946
-40.798
2.8
0.748
-59.220
1.229
55.237
0.029
93.593
0.949
-42.180
2.9
0.745
-61.715
1.213
51.930
0.031
100.273
0.947
-43.117
3.0
0.744
-64.848
1.189
48.547
0.031
97.032
0.950
-44.659
1
6
5
4
3
2
S11
S22
Ref.
10pF
Ref.
Scattering Parameter
Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com