Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1107KB2-R1 Datasheet(PDF) 18 Page - New Japan Radio

Part # NJG1107KB2-R1
Description  1.5/1.9GHz LNA GaAs MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-R1 Datasheet(HTML) 18 Page - New Japan Radio

Back Button NJG1107KB2-R1 Datasheet HTML 11Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 12Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 13Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 14Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 15Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 16Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 17Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 18Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 19Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
NJG1107KB2
- 18 -
L1
L2
R1
L3 C1
C2
C3
NJG1107
RF IN
RF OUT
nRECOMMENDED PCB DESIGN
Parts List
Constant
Comment
Parts ID
1.5GHz
Band
1.9GHz
Band
1.8GHz
Band
1.5GHzBand
Low Gain
L1
10nH
5.6nH
6.8nH
10nH
TAIYO-YUDEN HK1005 Series
L2
12nH
5.6nH
8.2nH
12nH
TAIYO-YUDEN HK1005 Series
L3
5.6nH
3.9nH
6.8nH
6.8nH
TAIYO-YUDEN HK1005 Series
L4
15nH
10nH
12nH
-
TAIYO-YUDEN HK1005 Series
C1
5pF
13pF
30pF
0.75pF
MURATA GRM36 Series
C2
1000pF
1000pF
1000pF
1000pF
MURATA GRM36 Series
C3
1000pF
1000pF
1000pF
10pF
MURATA GRM36 Series
R1
-
-
-
36
Ω
PCB: FR4 t=0.2mm
MICROSTRIP LINE WIDTH=0.4mm(Zo=50
Ω)
PCB SIZE: 14.0 x 14.0mm
1.5/1.8/1.9GHz Band
1.5GHz Band, Low Gain Version
L1
L2
L3
L4
C1
C2
C3
NJG1107
RF IN
RF OUT
(Top View)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com