Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1107KB2-R1 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1107KB2-R1
Description  1.5/1.9GHz LNA GaAs MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-R1 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1107KB2-R1 Datasheet HTML 1Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NJG1107KB2
- 3 -
nELECTRICAL CHARACTERISTICS 3 (1.8GHz Band)
(V
DD=2.7V, f=1.76GHz, Ta=+25°C, Zs=Zl=50Ω, TEST CIRCUIT1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Frequency
freq3
1.75
1.76
1.78
GHz
Drain Voltage
V
DD
2.5
2.7
5.5
V
Operating Current
I
DD
RF OFF
-
3.0
3.8
mA
Small Signal Gain
Gain
-
16.0
-
dB
Gain Flatness
G
flat
f=1.75~1.78GHz
-
0.5
-
dB
Noise Figure
NF
-
1.2
-
dB
Pout at 1dB
Compression point
P
-1dB
-
1.1
-
dBm
Input 3rd order
Intercept Point
IIP3
f=1.76+1.7601GHz
RFin=-35dBm
-
-2.0
-
dBm
RF Input Port
VSWR
VSWR
i
-
1.6
-
-
RF Output Port
VSWR
VSWR
o
-
1.6
-
-
nELECTRICAL CHARACTERISTICS 4 (1.5GHz Band ,Low Gain Version)
(V
DD=2.7V, f=1.49GHz, Ta=+25°C, Zs=Zl=50Ω, TEST CIRCUIT2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Frequency
freq4
1.47
1.49
1.51
GHz
Drain Voltage
V
DD
2.5
2.7
5.5
V
Operating Current
I
DD
RF OFF
-
3.0
3.8
mA
Small Signal Gain
Gain
-
14.0
-
dB
Gain Flatness
G
flat
f=1.47~1.51GHz
-
0.5
-
dB
Noise Figure
NF
-
1.2
-
dB
Pout at 1dB
Compression point
P
-1dB
-
0.0
-
dBm
Input 3rd order
Intercept Point
IIP3
f=1.49+1.4901GHz
RFin=-35dBm
-
-3.0
-
dBm
RF Input Port
VSWR
VSWR
i
-
1.6
-
RF Output Port
VSWR
VSWR
o
-
1.6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com