Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1107KB2-R1 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJG1107KB2-R1
Description  1.5/1.9GHz LNA GaAs MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-R1 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJG1107KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 9Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 10Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 11Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 12Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NJG1107KB2
- 9 -
nTYPICAL CHARACTERISTICS (1.9GHz Band)
Equations of OIP3 and IIP3
2
3
IM
-
Pout
×
3
=
3
OIP
Gain
-
3
OIP
=
3
IIP
@ Pin=-30dBm
-6
-4
-2
0
2
4
6
8
2.5
3
3.5
4
4.5
5
5.5
P-1dB vs. V
DD
(f=1.96GHz)
V
DD
(V)
0.4
0.8
1.2
1.6
2
2.4
-3
-2
-1
0
1
2
-40
-20
0
20
40
60
80
100
NF, P-1dB vs. Temperature
(V
DD
=2.7V, f=1.96GHz)
Temperature (
)
oC
-4
-3
-2
-1
0
1
2
3
4
5
6
10
11
12
13
14
15
16
17
18
19
20
2.5
3
3.5
4
4.5
5
5.5
IIP3, OIP3 vs. V
DD
(f=1.96+1.9601GHz, Pin=-30dBm)
V
DD
(V)
14
15
16
17
18
2.25
2.5
2.75
3
3.25
-40
-20
0
20
40
60
80
100
Gain, I
DD
vs. Temperature
(V
DD
=2.7V, f=1.96GHz)
Temperature (
)
oC
-7
-6
-5
-4
-3
-2
-1
0
1
12
13
14
15
16
17
18
19
20
-40
-20
0
20
40
60
80
100
IIP3, OIP3 vs. Temperature
(V
DD
=2.7V, f=1.96+1.9601GHz, Pin=-30dBm)
Temperature (
)
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com