Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1107KB2-R1 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJG1107KB2-R1
Description  1.5/1.9GHz LNA GaAs MMIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1107KB2-R1 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJG1107KB2-R1 Datasheet HTML 9Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 10Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 11Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 12Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 13Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 14Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 15Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 16Page - New Japan Radio NJG1107KB2-R1 Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NJG1107KB2
- 13 -
nTYPICAL CHARACTERISTICS (1.5GHz Band, Low Gain Version)
0.6
1
1.4
1.8
2.2
2.6
0
4
8
12
16
20
1.4
1.44
1.48
1.52
1.56
1.6
NF,Gain vs. frequency
(V
DD
=2.7V,I
DD
=3mA)
frequency (GHz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
-50
-40
-30
-20
-10
0
10
20
30
40
50
0.5
1
1.5
2
2.5
S21,S11,S22,S12 vs. frequency
(V
DD
=2.7V,I
DD
=3mA)
frequency (GHz)
S11
S22
S21
S12
-30
-25
-20
-15
-10
-5
0
5
10
-40
-35
-30
-25
-20
-15
-10
-5
0
Pin (dBm)
Pout vs. Pin
(V
DD
=2.7V,f=1.49GHz)
+0.00dBm
P-1dB
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-40
-35
-30
-25
-20
-15
-10
-5
0
(V
DD
=2.7V,I
DD
=3mA,f=1.49+1.4901GHz)
Pout, IM3 vs. Pin
Pin (dBm)
IIP3
-2.89dBm
IM3
Pout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com