Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1707PG1R1-R3 Datasheet(PDF) 13 Page - New Japan Radio

Part # NJG1707PG1R1-R3
Description  800MHz TDMA FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1R1-R3 Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJG1707PG1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 13Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 14Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 15Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 16Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NJG1707PG1
- 13 -
nTYPICAL CHARACTERISTICS (LNA)
Measured on the PCB evaluation circuit.
15
16
17
18
19
2.5
3
3.5
4
4.5
-50
0
50
100
LNA Gain,I
DD3
vs. Temperature
Ambient Temperature (
oC)
(V
DD3
=2.7V,f=820MHz)
0.8
1
1.2
1.4
1.6
1.8
2
-50
0
50
100
LNA NF vs. Temperature
Ambient Temperature (
oC)
(V
DD3
=2.7V,f=820MHz)
0
1
2
3
4
5
-50
0
50
100
LNA P-1dB vs. Temperature
Ambient Temperature (
oC)
(V
DD3
=2.7V,f=820MHz)
-6
-5
-4
-3
-2
-1
0
1
2
8
9
10
11
12
13
14
15
16
-50
0
50
100
LNA IIP3,OIP3 vs. Temperature
Ambient Temperature (
oC)
(V
DD3
=2.7V,f=820.0+820.1MHz,Pin=-30dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com