Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1707PG1R1-R3 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJG1707PG1R1-R3
Description  800MHz TDMA FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1R1-R3 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJG1707PG1R1-R3 Datasheet HTML 4Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NJG1707PG1
- 8-
nTYPICAL CHARACTERISTICS (ANTENNA SWITCH)
Measured on the PCB evaluation circuit, losses of circuits are eliminated.
0
5
10
15
20
25
30
35
40
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
5
10
15
20
25
30
35
40
Input Power (dBm)
ANT-SW Pout,Loss vs. Pin
(TX-ANT1,fin=960MHz,V
DD
=3.5V,V
SS
=-2.5V)
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
I
DD2
vs. Input Power
Input Power (dBm)
( Tx-ANT1,V
DD
=3.5V,V
SS
=-2.5V,f=960MHz)
0
5
10
15
20
25
30
35
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
Input Power (dBm)
ANT-SW Pout,Loss vs. Pin
(RX-ANT1,fin=885MHz,V
DD
=3.5V,V
SS
=0V)
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
I
DD1
vs. Input Power
Input Power (dBm)
( Rx-ANT1,V
DD
=3.5V,V
SS
=0V,f=885MHz)
-75
-70
-65
-60
880
900
920
940
960
980
2nd Harmonics vs. Frequency
VDD=3.5V
VDD=2.9V
Frequency (MHz)
(Tx-ANT1,Pin=30dBm,V
SS
=-2.5V)
-75
-70
-65
-60
880
900
920
940
960
980
3rd Harmonics vs. Frequency
VDD=3.5V
VDD=2.9V
Frequency (MHz)
(Tx-ANT1,Pin=30dBm,V
SS
=-2.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com