Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1707PG1R1-R3 Datasheet(PDF) 16 Page - New Japan Radio

Part # NJG1707PG1R1-R3
Description  800MHz TDMA FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1R1-R3 Datasheet(HTML) 16 Page - New Japan Radio

Back Button NJG1707PG1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 13Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 14Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 15Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 16Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 17Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
NJG1707PG1
- 16-
Board total loss (Capacitors, Connectors, and PCB)
Pass route
800MHz band
(dB)
Frequency
(MHz)
TX-ANT1
0.30
TX-EXT1
0.26
960
RX-ANT1
0.28
RX-ANT2
0.29
RX-EXT1
0.32
RX-EXT2
0.37
885
nRECOMMENDED PCB DESIGN
PARTS ID
VALUE
COMMENT
R1-R3
100
Ω
1005 Size
C1~3, C9
1000pF
MURATA(GRM36)
C4, C5, C7, C8
22pF
MURATA(GRM36)
C10, C12
10pF
MURATA(GRM36)
C11
16pF
MURATA(GRM36)
C13
4pF
MURATA(GRM36)
L1
27nH
TAIYO-YUDEN(HK1608)
L2
33nH
TAIYO-YUDEN(HK1005)
L3
27nH
TAIYO-YUDEN(HK1005)
L4
12nH
TAIYO-YUDEN(HK1005)
L5
15nH
TAIYO-YUDEN(HK1005)
L6
22nH
TAIYO-YUDEN(HK1005)
PRECAUTIONS
[1] The bypass capacitors should be connected to the VDD, VSS terminals as close as possible
respectively.
[2] For good RF performance, the ground terminals should be directly connected to the ground
patterns and through-holes as close as possible by using relativity wide pattern.
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com