Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1707PG1R1-R3 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJG1707PG1R1-R3
Description  800MHz TDMA FRONT-END GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1R1-R3 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJG1707PG1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 10Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 11Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 12Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NJG1707PG1
- 9 -
nTYPICAL CHARACTERISTICS (ANTENNA SWITCH)
Measured on the PCB evaluation circuit, losses of circuits are eliminated.
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
Loss vs. Temperature
VDD=3.5V
VDD=2.9V
Ambient Temperature(
oC)
(Tx-ANT1,f=960MHz,Pin=30dBm,V
SS
=-2.5V)
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
Loss vs. Temperature
VDD=3.5V
VDD=2.9V
Ambient Temperature(
oC)
(Rx-ANT1,f=885MHz,Pin=10dBm,V
SS
=0V)
20
22
24
26
28
30
-50
0
50
100
EXT1 Isolation vs. Temperature
VDD=3.5V
VDD=2.9V
Ambient Temperature(
oC)
(Tx-ANT1,f=960MHz,Pin=30dBm,V
SS
=-2.5V)
22
24
26
28
30
32
-50
0
50
100
Rx Isolation vs. Temperature
VDD=3.5V
VDD=2.9V
Ambient Temperature(
oC)
(Tx-ANT1,f=960MHz,Pin=30dBm,V
SS
=-2.5V)
30
32
34
36
38
40
-50
0
50
100
P
-0.5dB
vs. Temperature
VDD=3.5V
VDD=2.9V
Ambient Temperature(
oC)
(Tx-ANT1,f=960MHz,V
SS
=-2.5V)
0
5
10
15
20
-50
0
50
100
I
DD2
vs. Temperature
VDD=3.5V
VDD=2.9V
Ambient Temperature(
oC)
( Tx-ANT1,fin=960MHz,Pin=30dBm,V
DD
=3.5V,V
ss
=-2.5V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com